Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments INA700 Datasheet HTML 20Page - Texas Instruments INA700 Datasheet HTML 21Page - Texas Instruments INA700 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
to maintain the bus in HS-mode. A stop condition ends the HS-mode and switches all the internal filters of the
device to support the F/S mode.
7.5.1.3 SMBus Alert Response
The INA700 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple secondary devices. When an Alert occurs, the main device can broadcast
the Alert Response secondary device address (0001 100) with the R/W bit set high. Following this Alert
Response, any secondary device that generates an alert can identify itself by acknowledging the Alert Response
and sending its address to the bus.
The Alert Response can activate several different target devices simultaneously, similar to the I2C General Call.
If more than one target attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until that device wins arbitration.
7.6 Register Maps
7.6.1 INA700 Registers
Table 7-3 lists the INA700 registers. All register locations not listed in Table 7-3 should be considered as
reserved locations and the register contents should not be modified.
Table 7-3. INA700 Registers
Address Acronym
Register Name
Register Size (bits)
Section
0h
CONFIG
Configuration
16
Go
1h
ADC_CONFIG
ADC Configuration
16
Go
5h
VBUS
Bus Voltage Measurement
16
Go
6h
DIETEMP
Temperature Measurement
16
Go
7h
CURRENT
Current Result
16
Go
8h
POWER
Power Result
24
Go
9h
ENERGY
Energy Result
40
Go
Ah
CHARGE
Charge Result
40
Go
Bh
ALERT_DIAG
Diagnostic Flags and Alert
16
Go
Ch
COL
Current Over-Limit Threshold
16
Go
Dh
CUL
Current Under-Limit Threshold
16
Go
Eh
BOVL
Bus Overvoltage Threshold
16
Go
Fh
BUVL
Bus Undervoltage Threshold
16
Go
10h
TEMP_LIMIT
Temperature Over-Limit
Threshold
16
Go
11h
PWR_LIMIT
Power Over-Limit Threshold
16
Go
3Eh
MANUFACTURER_ID
Manufacturer ID
16
Go
Complex bit access types are encoded to fit into small table cells. Table 7-4 shows the codes that are used for
access types in this section.
Table 7-4. INA700 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
INA700
SBOSAB4 – MAY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com