Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Current
Temperature
Bus Voltage
ALERT
(ALATCH = 0)
(APOL = 0)
(CNVR = 1)
Power
Current Over Limit Threshold
Bus Under Voltage Threshold
Over Temp Threshold
Power Over Limit Threshold
BUV
SET
COL
SET
BUV
CLEAR
COL
&
BUV
SET
COL
CLEAR
BUV
&
OT
SET
BUV
&
OT
&
OP
SET
- No diag. error -
Conversion Complete
Reported
Figure 7-9. Multi-Alert Configuration
7.4 Device Functional Modes
7.4.1 Shutdown Mode
In addition to the two conversion modes (continuous and triggered), the device also has a shutdown mode
(selected by the MODE bits in ADC_CONFIG register) that reduces the quiescent current to less than 5 µA and
turns off current into the device inputs, reducing the impact of supply drain when the device is not being used.
The registers of the device can be written to and read from while the device is in shutdown mode. The device
remains in shutdown mode until another triggered conversion command or continuous conversion command is
received.
The device can be triggered to perform conversions while in shutdown mode. When a conversion is triggered,
the ADC will start a conversion. After the conversion is complete, the device will return to the shutdown state.
Note that the shutdown current is specified with an inactive communications bus. Active clock and data activity
will increase the current consumption as a function of the bus frequency.
7.4.2 Power-On Reset
Power-on reset (POR) is asserted when VS drops below 1.26 V (typical) at which all of the registers are reset to
their default values. A manual device reset can be initiated by setting the RST bit in the CONFIG register. The
default power-up register values are shown in the reset column for each register description. See Register Maps
for the register descriptions.
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com