Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA700 Datasheet HTML 23Page - Texas Instruments INA700 Datasheet HTML 24Page - Texas Instruments INA700 Datasheet HTML 25Page - Texas Instruments INA700 Datasheet HTML 26Page - Texas Instruments INA700 Datasheet HTML 27Page - Texas Instruments INA700 Datasheet HTML 28Page - Texas Instruments INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Device Measurement Range and Resolution
The INA700 has a full scale ADC range for current measurements of ±15.728 A. However, the maximum value
that can be measured is limited by the operating junction temperature as shown in Figure 8-1.
Junction Temperature ( C)
-50
-25
0
25
50
75
100
125
150
13
13.5
14
14.5
15
15.5
16
Figure 8-1. Maximum ADC Current Reading vs Temperature
The internal die temperature sensor range extends from –256°C to +256°C but is limited by the package to
–40°C to 150°C.
Table 8-1 shows the full scale voltage on shunt, bus, and temperature measurements, along with their
associated step size.
Table 8-1. ADC Full Scale Values
PARAMETER
FULL SCALE VALUE
RESOLUTION
Current
±15.728
480 µA/LSB
Bus voltage
0 V to 40 V
3.125 mV/LSB
Temperature
–40°C to +150°C
125 m°C/LSB
Current, bus voltage, and temperature measurements can be read through the CURRENT, VBUS, and
DIETEMP registers, respectively. The CURRENT and VBUS registers return 16-bit values. The current
measurement is signed to support bidirectional currents; therefore the data value in CURRENT can be positive
or negative. The VBUS register has a full scale range up to 85 V but is limited in functionality by the maximum
common-mode voltage of 40 V. The VBUS register is unsigned and always positive. The output data can be
directly converted into voltage by multiplying the digital value by the LSB size. The digital output in the DIETEMP
register is 16-bit and can be directly converted to°C by multiplying by the above resolution size. This output
value can also be positive or negative.
Furthermore, the device shows the flexibility to report calculated current in Amperes, power in Watts, charge in
Coulombs and energy in Joules as described in Current and Power, Energy and Charge Calculations.
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com