Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 3 Page - Texas Instruments

  INA700 Datasheet HTML 1Page - Texas Instruments INA700 Datasheet HTML 2Page - Texas Instruments INA700 Datasheet HTML 3Page - Texas Instruments INA700 Datasheet HTML 4Page - Texas Instruments INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Pin Configuration and Functions
IN+
IN-
SDA
A0
GND
SCL
ALERT
VS
A
B
C
1
2
3
Figure 5-1. YWF Package 8-Pin PowerWCSP Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
IN–
Analog input
Negative input to the device. For high-side applications, connect to supply side of the load. For
low-side applications, connect to ground.
A3
IN+
Analog input
Positive input to the device. For high-side applications, connect to the bus power supply. For
low-side applications, connect to ground side of the load.
B1
GND
Ground
Ground.
B2
A0
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS.
B3
SDA
Digital input/output
Open-drain bidirectional I2C data.
C1
VS
Power supply
Power supply, 2.7 V to 5.5 V.
C2
ALERT
Digital output
Open-drain alert output, default state is active low.
C3
SCL
Digital input
Open-drain I2C clock input.
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com