Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
i
v
T
i
v
i
v
i
v
i
v
i
p1
p2
p3
p4
p5
Q1 =
i1 x t1
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E1 =
p1 x t2
Power register
Energy register
Charge register
T
T
T
T
ADC,
Temperature, Current,
Voltage
T
Figure 7-5. Power, Energy and Charge Calculation Scheme
7.3.5 High-Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow. The measured inputs are selected through the high-voltage input multiplexer to
the ADC inputs as shown in Figure 7-4. The ADC architecture enables lower drift measurement across
temperature and consistent offset measurements across the common-mode voltage, temperature, and power
supply variations. A low-offset ADC is preferred in current sensing applications to provide a near 0-V offset
voltage that maximizes the useful dynamic range of the system.
The INA700 measures the die temperature, current, and bus voltage. An internal temperature measurement is
made before each current measurement. Temperature compensation is then applied to the current measurement
to achieve low drift performance. The MODE bits setting in the ADC_CONFIG register permit selecting modes
to convert only the current or bus voltage to further allow the user to configure the monitoring function to fit
the specific application requirements. After an ADC conversion is complete, the converted values independently
update in their corresponding registers where they can be read through the digital interface at the time of
conversion end if no averaging is selected. The conversion time for shunt voltage, bus voltage, and temperature
inputs are set independently from 50 µs to 4.12 ms depending on the values programmed in the ADC_CONFIG
register. The value for current is calculated after both the temperature and shunt voltage measurements are
made. The total time to get the current measurement is the sum of the conversion times for these two
parameters. Enabled measurement inputs are converted sequentially, which means the total time to convert
all inputs depends on the conversion time for each input and the number of inputs enabled. When averaging
is used, the intermediate values are subsequently stored in an averaging accumulator, and the conversion
sequence repeats until the number of averages is reached. After all of the averaging is complete, the final
values are updated in the corresponding registers that can then be read. These values remain in the data output
registers until they are replaced by the next fully completed conversion results. In this case, reading the data
output registers does not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until the user
writes to the MODE bits to generate another single-shot trigger. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. Although the device can be read at any time, and
the data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in ALERT_DIAG
register) is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging
are complete.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the ALERT_DIAG Register
While the INA700 device is used in either one of the conversion modes, a dedicated digital engine is calculating
the current, power, charge and energy values in the background (see Internal Measurement and Calculation
Engine). In triggered mode, the accumulation registers (ENERGY and CHARGE) are invalid, as the device does
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com