Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Table 7-1. ALERT Diagnostics Description
INA700 DIAGNOSTIC
STATUS BIT IN ALERT_DIAG REGISTER
(READ ONLY)
OUT-OF-RANGE
THRESHOLD
REGISTER (R/W)
REGISTER DEFAULT
VALUE
Current Under-Limit
CURRENTUL
CUL
0x8000 h
(two's complement)
Current Over-Limit
CURRENTOL
COL
0x7FFF h
(two's complement)
Bus Voltage Over-Limit
BUSOL
BOVL
0x7FFF h
(two's complement,
positive values only)
Bus Voltage Under-Limit
BUSUL
BUVL
0x0000 h
(two's complement,
positive values only)
Temperature Over-Limit
TMPOL
TEMP_LIMIT
0xFFFF h
(two's complement,
positive values only)
Power Over-Limit
POL
PWR_LIMIT
0x7FFF h
(two's complement)
A read of the ALERT_DIAG register is used to determine which diagnostic triggered the ALERT pin. This
register, shown in Table 7-13, is also used to monitor other associated diagnostics as well as configure some
ALERT pin functions.
• Alert latch enable — In case the ALERT pin is triggered, this function will hold the value of the pin even after
all diagnostic conditions have cleared. A read of the ALERT_DIAG register will reset the status of the ALERT
pin. This function is enabled by setting the ALATCH bit.
• Conversion ready enable — Enables the ALERT pin to assert when an ADC conversion is complete and
output values are ready to be read through the digital interface. This function is enabled by setting the CNVR
bit. The conversion completed events can also be read through the CNVRF bit regardless of the CNVR bit
setting.
• Alert comparison on averaged output — Allows the out-of-range threshold value to be compared to the
averaged data values produced by the ADC. This helps remove noise from the output data when compared
to the out-of-range threshold to avoid false alerts due to noise. However, the diagnostic will be delayed due to
the time needed for averaging. This function is enabled by setting the SLOWALERT bit.
• Alert polarity — Allows the device to invert the active state of the ALERT pin. Note that the ALERT pin is an
open-drain output that must be pulled up by a resistor. The ALERT pin is active-low by default and can be
configured for active high function using the APOL control bit.
Other diagnostic functions that are not reported by the ALERT pin but are available by reading the ALERT_DIAG
register:
• Math overflow — Indicated by the MATHOF bit, reports when an arithmetic operation has caused an internal
register overflow.
• Memory status — Indicated by the MEMSTAT bit, monitors the health of the device non-volatile trim memory.
This bit should always read '1' when the device is operating properly.
• Energy overflow — Indicated by the ENERGYOF bit, reports when the ENERGY register has reached an
overflow state due to data accumulation.
• Charge overflow — Indicated by the CHARGEOF bit, reports when the CHARGE register has reached an
overflow state due to data accumulation.
When the ALERT pin is configured to report the ADC conversion complete event, the ALERT pin becomes a
multipurpose reporting output. Figure 7-9 shows an example where the device reports ADC conversion complete
events while the INA700 device is subject to overcurrent, bus undervoltage, overtemperature and over power
events.
INA700
SBOSAB4 – MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com