Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
The IN+ and IN– pins allow access to the on-chip current-sensing resistor. This resistor features internal sense
connections that are factory-calibrated and temperature-compensated to achieve a high level of accuracy. The
INA700 is system-calibrated to ensure that the current-sensing resistor and current-sensing amplifier are both
precisely matched to one another.
The nominal pin-to-pin resistance from IN+ to IN– is approximately 3.5 mΩ, while the internal resistance seen by
the digital power monitor is nominally 2 mΩ. The power dissipation requirements of the system and package are
based on the total package resistance between the IN+ and IN– pins.
7.3.2 Safe Operating Area
The maximum continuous current that can be supported by the device is limited by the PowerWCSP (DSBGA)
package and the maximum die temperature. Limitations due to the PowerWCSP package apply for cases where
the current will be flowing continuously in a single direction for the life of the product. The integrated shunt
section in the Electrical Characteristics specifies the limitations on the current for the PowerWCSP package.
The heat generated by the device power dissipation is another factor that limits the maximum current that can be
safely handled by the package. The current consumed to power the device is low, therefore the primary source
of heating is due to the current flow through the internal shunt resistor. The maximum safe-operating current
level shown in Figure 7-2 is set to ensure that the heat generated in the package is limited so that the internal
junction temperature of the silicon does not exceed 150°C. This data was collected on the evaluation module
that used a 2-layer board with 1-oz copper power planes to the INA700 IN+ and IN– pins.
Ambient Temperature (°C)
-20
0
20
40
60
80
100
120
140
160
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Figure 7-2. Maximum Shunt Current vs Temperature
Even though the shunt can withstand currents greater than 15A, the current measurement capability is limited by
ADC full scale range of 15.728 A. The ADC full scale range is also a function of temperature (see Figure 8-1).
In applications with over-current transients, the peak amplitude and duration of the over-current event is
important to determine the device heating. Figure 7-3 shows the peak pulse current versus pulse duration that
the device can withstand before the maximum junction temperature of 150°C is exceeded. The data shown in
this curve was collected at TA = 25°C, using the INA700 evaluation module.
Pulse Duration (s)
0.01
0.1
1
10
100
1000
16
20
24
28
32
Figure 7-3. Maximum Pulse Current vs Pulse Duration (Single Event)
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com