Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 24Page - National Semiconductor (TI) DP83251 Datasheet HTML 25Page - National Semiconductor (TI) DP83251 Datasheet HTML 26Page - National Semiconductor (TI) DP83251 Datasheet HTML 27Page - National Semiconductor (TI) DP83251 Datasheet HTML 28Page - National Semiconductor (TI) DP83251 Datasheet HTML 29Page - National Semiconductor (TI) DP83251 Datasheet HTML 30Page - National Semiconductor (TI) DP83251 Datasheet HTML 31Page - National Semiconductor (TI) DP83251 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
50 Registers (Continued)
CURRENT TRANSMIT STATE REGISTER (CTSR)
(Continued)
Bit
Symbol
Description
D3 D4
IC0 IC1
Injection Control k0 1l
These bits select one of the 4 injection modes The injection modes
overwrite data from the Smoother Repeat Filter Encoder and Transmit Modes
IC0 is the only bit of the register that is automatically cleared by the PLAYER device after the One Shot
Injection is executed The automatic clear of IC0 during the One Shot mode can be interpreted as an
acknowledgment that the One Shot has been completed
IC1
IC0
00
No Injection
The normal transmission of
incoming PHY Request data (ie symbols are
not injected)
01
One Shot
In one shot mode Injection
Symbol Register A (ISRA) and Injection
Symbol Register B (ISRB) are injected n
symbol pairs after a JK where n is the
programmed value of the Injection Count
Register (IJCR) If IJCR is set to 0 the JK
symbol pair is replaced by ISRA and ISRB
Once the One Shot is executed the PLAYER
device automatically sets IC0 to 0 thereby
returning to normal transmission of data
10
Periodic
In Periodic mode Injection Symbol
Register A (ISRA) and Injection Symbol
Register B (ISRB) are injected every (na1)th
symbol pair where n is the programmed
value of the Injection Count Register (IJCR)
If IJCR is set to 0 all data symbols are
replaced with ISRA and ISRB
11
Continuous
In Continuous mode all data
symbols are replaced with Injection Symbol
Register A (ISRA) and Injection Symbol
Register B (ISRB)
D5
SE
SMOOTHER ENABLE
0 Disables the Smoother
1 Enables the Smoother
When enabled the Smoother can redistribute Idle symbol pairs which were added or deleted by
the local or upstream receivers
Note
Once the counter has started it will continue to count irrespective of the incoming symbols with the exception of a
JK symbol pair This bit should be enabled for interoperable operation
D6
PRDPE
PHY
REQUEST DATA PARITY ENABLE
0 Disables PHY
Request Data parity
1 Enables PHY
Request Data parity
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using this bit The reserved bit is set to 1 during the reset process It may be set or
cleared without any effects to the functionality of the PLAYER device
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com