Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 74Page - National Semiconductor (TI) DP83251 Datasheet HTML 75Page - National Semiconductor (TI) DP83251 Datasheet HTML 76Page - National Semiconductor (TI) DP83251 Datasheet HTML 77Page - National Semiconductor (TI) DP83251 Datasheet HTML 78Page - National Semiconductor (TI) DP83251 Datasheet HTML 79Page - National Semiconductor (TI) DP83251 Datasheet HTML 80Page - National Semiconductor (TI) DP83251 Datasheet HTML 81Page - National Semiconductor (TI) DP83251 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
70 Electrical Characteristics
71 ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
b
05
70
V
DCIN
Input Voltage
b
05
VCC a 05
V
DCOUT
Output Voltage
b
05
VCC a 05
V
Storage Temperature
b
65
150
C
72 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
475
525
V
TA
Operating Temperature
0
70
C
73 DC ELECTRICAL CHARACTERISTICS
The DC characteristics are over the operating range unless otherwise specified
DC electrical characteristics for the TTL TRI-STATE output signals of PHY Port Interfaces and CBUS Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOZ1
TRI-STATE Leakage
VOUT e VCC
10
m
A
(CBP
CBD7 – 0)
IOZ2
TRI-STATE Leakage
VOUT e VGND
b
10
m
A
(CBP
CBD7 – 0)
IOZ3
TRI-STATE Leakage
VOUT e VCC
60
m
A
(AID
BID)
(Note 1)
IOZ4
TRI-STATE Leakage
VOUT e GND
b
500
m
A
(AID
BID)
Note 1
Output buffer has a p-channel pullup device
DC electrical characteristics for all TTL input signals and the following TTL output signals External Loopback (ELB) Fiber Optic
Transmitter Enable (TXE) Enable Pin 0 (EP0) and Enable Pin 1 (EP1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH eb2mA
VCC b 05
V
VOL
Output Low Voltage
IOL e 4 mA
05
V
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
VIC
Input Clamp Voltage
IIN eb18 mA
b
15
V
IIL
Input Low Current
VIN e GND
b
10
m
A
IIH
Input High Current
VIN e VCC
a
10
m
A
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com