Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 44Page - National Semiconductor (TI) DP83251 Datasheet HTML 45Page - National Semiconductor (TI) DP83251 Datasheet HTML 46Page - National Semiconductor (TI) DP83251 Datasheet HTML 47Page - National Semiconductor (TI) DP83251 Datasheet HTML 48Page - National Semiconductor (TI) DP83251 Datasheet HTML 49Page - National Semiconductor (TI) DP83251 Datasheet HTML 50Page - National Semiconductor (TI) DP83251 Datasheet HTML 51Page - National Semiconductor (TI) DP83251 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
50 Registers (Continued)
USER DEFINABLE REGISTER (UDR)
The User Definable Register is used to monitor and control events which are external to the PLAYER device
The value of the Sense Bits reflects the asserteddeasserted state of their corresponding Sense pins On the other hand the
Enable bits assertdeassert the Enable pins
ACCESS RULES
ADDRESS
READ
WRITE
17h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
EB1
EB0
SB1
SB0
Bit
Symbol
Description
D0
SB0
SENSE BIT 0
This bit is set to 1 if the Sense Pin 0 (SP0) is asserted (ie SP0 e VCC) for a minimum of
160 ns Once the asserted signal is latched Sense Bit 0 can only be cleared through the Control Bus
Interface even if the signal is deasserted This ensures that the Control Bus Interface will record the
source of events which can cause interrupts in a traceable manner
D1
SB1
SENSE BIT 1
This bit is set to 1 if the Sense Pin 1 (SP1) is asserted (ie SP1 e VCC) for a minimum of
160 ns Once the asserted signal is latched Sense Bit 1 can only be cleared through the Control Bus
Interface even if the signal is deasserted This ensures that the Control Bus Interface will record the
source of events which can cause interrupts in a traceable manner
D2
EB0
ENABLE BIT 0
The Enable Bit 0 allows control of external logic through the Control Bus Interface The
User Definable Enable Pin 0 (EP0) is asserteddeasserted by this bit
0 EP0 is deasserted (ie EP0 e GND)
1 EP0 is asserted (ie EP0 e VCC)
D3
EB1
ENABLE BIT 1
This bit allows control of external logic through the Control Bus Interface The User
Definable Enable Pin 0 (EP0) is asserteddeasserted by this bit
0 EP1 is deasserted (ie EP1 e GND)
1 EP1 is asserted (ie EP1 e VCC)
D4 – 7
RES
RESERVED
Reserved for future use The reserved bit is set to 0 during the initialization process
(ie RST e GND)
Note
Users are discouraged from using this bit It may be set or cleared without any effects to the functionality of the
PLAYER device
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com