Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 86Page - National Semiconductor (TI) DP83251 Datasheet HTML 87Page - National Semiconductor (TI) DP83251 Datasheet HTML 88Page - National Semiconductor (TI) DP83251 Datasheet HTML 89Page - National Semiconductor (TI) DP83251 Datasheet HTML 90Page - National Semiconductor (TI) DP83251 Datasheet HTML 91Page - National Semiconductor (TI) DP83251 Datasheet HTML 92Page - National Semiconductor (TI) DP83251 Datasheet HTML 93Page - National Semiconductor (TI) DP83251 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
80 Detailed Descriptions (Continued)
TABLE 8-1 Abreviations used in
the Repeat Filter State Diagram
F
IDLE
Force IdleTrue when not in Active
Transmit Mode
W
Represents the symbols R or S or T
E
TPARITY
Parity error
nn
Data symbols (for C e 0 in the PHY-MAC
Interface)
N
Data portion of a control and data symbol
mixture
X
Any symbol (ie don’t care)
V
Violation symbols or symbols inserted by
the Receiver Block
I
Idle symbols or symbols inserted by the
Receiver Block
ALSZILSZ
Active Line State or Idle Line State (ie
PHY Invalid)
E
ALSZILSZ Not in Active Line State nor in Idle Line
State (ie PHY Valid)
H
Halt symbol
R
Reset symbol
S
Set symbol
T
Frame ending delimiter
JK
Frame start delimiter
I
Idle symbol (Preamble)
V
Code violations
The Repeat Filter complies with the FDDI standard by ob-
serving the following
1 In Repeat State violations cause transitions to the Halt
State and two Halt symbol pairs are transmitted (unless
JK or Ix occurs) followed by transition to the Idle State
2 When Ix is encountered the Repeat Filter goes to the Idle
State during which Idle symbol pairs are transmitted until
a JK is encountered
3 The Repeat Filter goes to the Repeat State following a JK
from any state
The END State which is not part of the FDDI standard
allows an R or S prior to a T within a frame to be recognized
as a violation It also allows NT to end a frame as opposed
to being treated as a violation
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com