Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 55Page - National Semiconductor (TI) DP83251 Datasheet HTML 56Page - National Semiconductor (TI) DP83251 Datasheet HTML 57Page - National Semiconductor (TI) DP83251 Datasheet HTML 58Page - National Semiconductor (TI) DP83251 Datasheet HTML 59Page - National Semiconductor (TI) DP83251 Datasheet HTML 60Page - National Semiconductor (TI) DP83251 Datasheet HTML 61Page - National Semiconductor (TI) DP83251 Datasheet HTML 62Page - National Semiconductor (TI) DP83251 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
60 Pin Descriptions (Continued)
SERIAL INTERFACE
The Serial Interface consists of IO signals used to connect the PLAYER device to the Physical Medium Dependent (PMD)
sublayer
The PLAYER device uses these signals to interface to a Fiber Optic Transmitter (FOTX) Fiber Optic Receiver (FOXR) Clock
Recovery Device (CRD device) and Clock Distribution Device (CDD device)
Symbol
Pin No
IO
Description
CD
33
I
Clock Detect
A TTL input signal from the Clock Recovery Device indicating that the
Receive Clock (RXCg) is properly synchronized with the Receive Data RXDg)
TTLSD
34
I
Signal Detect
A TTL signal from the clock Recovery Device indicating that a signal is
being received by the Fiber Optic Receiver
RXDa
39
I
Receive Data
Differential 100K ECL 125 Mbps serial data input signals from the Clock
Recovery Device
RXDb
40
TXDa
45
O
Transmit Data
Differential 100K ECL 125 Mbps serial data output signals to the Fiber
Optic Transmitter
TXDb
46
ELB
35
O
External Loopback Enable
A TTL output signal to the Clock Recovery Device which
enablesdisables loopback data through the Clock Recovery Device This signal is
controlled by the Mode Register
LBDa
42
O
Loopback Data
Differential 100K ECL 125 Mbps external serial loopback data output
signals to the Clock Recovery Device
LBDb
43
When the PLAYER device is not in external loopback mode the LBDa signal is kept
high and the LBDb signal is kept low
TEL
53
I
FOTX Enable Level
A TTL input signal to select the Fiber Optic Transmitter Enable
(TXE) signal level
TXE
56
O
FOTX Enable
A TTL output signal to enabledisable the Fiber Optic Transmitter The
output level of the TXE pin is determined by three parameters the Transmit Enable (TE)
bit in the Mode Register the TM2 – TM0 bits in the Current Transmit State Register and
also the input to the TEL pin
The following rules summarizes the output of the TXE pin
(1) If TE e 0 and TEL e GND then TXE e VCC
(2) If TE e 0 and TEL e VCC then TXE e GND
(3) If TE e 1 and OTM and TEL e GND then TXE e VCC
(4) If TE e 1 and OTM and TEL e VCC then TXE e GND
(5) If TE e 1 and not OTM and TEL e GND then TXE e GND
(6) If TE e 1 and not OTM and TEL e VCC then TXE e VCC
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com