Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 31Page - National Semiconductor (TI) DP83251 Datasheet HTML 32Page - National Semiconductor (TI) DP83251 Datasheet HTML 33Page - National Semiconductor (TI) DP83251 Datasheet HTML 34Page - National Semiconductor (TI) DP83251 Datasheet HTML 35Page - National Semiconductor (TI) DP83251 Datasheet HTML 36Page - National Semiconductor (TI) DP83251 Datasheet HTML 37Page - National Semiconductor (TI) DP83251 Datasheet HTML 38Page - National Semiconductor (TI) DP83251 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
50 Registers (Continued)
RECEIVE CONDITION REGISTER B (RCRB)
The Receive Condition Register B maintains a historical record of the Line States recognized by the Receiver Block
When a new Line State is entered the bit corresponding to that line state is set to 1 The bits corresponding to the previous Line
States are not clear by the PLAYER device thereby maintaining a record of the Line States detected
The Receive Condition B bit (RCB) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition Register B is set to 1 and the corresponding mask bits in Receive Condition Mask Register B (RCMRB) is
also set to 1
ACCESS RULES
ADDRESS
READ
WRITE
0Ah
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
RES
SILS
EBOU
CSE
LSUPV
ALS
ST
ILS
Bit
Symbol
Description
D0
ILS
IDLE LINE STATE
Received a minimum of two consecutive Idle symbol
pairs (11111 11111)
D1
ST
STATE THRESHOLD
This bit will be set to 1 by the PLAYER device when
the internal State Counter reaches zero It will remain set until a value equal
to or greater than one is loaded into the State Threshold Register or State
Prescale Threshold Register and this register is cleared
During the reset process (ie RST e GND) since the State Counter is
initialized to 0 the State Threshold bit is set to 1
D2
ALS
ACTIVE LINE STATE
Received a JK symbol pair (11000 10001) and
possibly data symbols following
D3
LSUPV
LINE STATE UNKNOWN
PHY VALID
Receiver Block has not detected
the minimum conditions to enter a know line state when the most recently
known line state was one of the following line states Active Line State or Idle
Line State
D4
CSE
CASCADE SYNCHRONIZATION ERROR
When a synchronization error
occurs the Cascade Synchronization Error bit is set to 1
A synchronization error occurs if the Cascade Start signal (CS) is not asserted
within approximately 80 ns of Cascade Ready (CR) release
D5
EBOU
ELASTICITY BUFFER UNDERFLOWOVERFLOW
The Elasticity Buffer
has either overflowed or underflowed The Elasticity Buffer will automatically
recover if the condition which caused the error is only transient
D6
SILS
SUPER IDLE LINE STATE
Received a minimum of eight Idle symbol pairs
(11111 11111)
D7
RES
RESERVED
Reserved for future use The reserved bit is set to 0 during the
reset process
Note
Users are discouraged from using this bit It may be set or cleared without any
effects to the functionality of the PLAYER device
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com