Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 60Page - National Semiconductor (TI) DP83251 Datasheet HTML 61Page - National Semiconductor (TI) DP83251 Datasheet HTML 62Page - National Semiconductor (TI) DP83251 Datasheet HTML 63Page - National Semiconductor (TI) DP83251 Datasheet HTML 64Page - National Semiconductor (TI) DP83251 Datasheet HTML 65Page - National Semiconductor (TI) DP83251 Datasheet HTML 66Page - National Semiconductor (TI) DP83251 Datasheet HTML 67Page - National Semiconductor (TI) DP83251 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
60 Pin Descriptions (Continued)
POWER AND GROUND
All power pins should be connected to a single 5V power supply All ground pins should be connected to a common 0V supply
Symbol
Pin No
IO
Description
GND
3
Ground
Power supply return for Control Bus Interface CMOS IOs
VCC
6
Power
Positive 5V power supply (g5% relative to ground) for Control Bus Interface
CMOS IOs
GND
12
Ground
Power supply return for internal CMOS logic
GND
20
Ground
Power supply return for Port A Interface CMOS IOs
VCC
22
Power
Positive 5V power supply (g5% relative to ground) for the Port A Interface
CMOS IOs
GND
24
Ground
Power supply return to internal CMOS logic
VCC
38
Power
Positive 5V power supply (g5% relative to ground) for internal ECL logic
GND
41
Ground
Power supply return for internal ECL logic
VCC
44
Power
Positive 5V power supply (g5% relative to ground) for the Serial Interface ECL I
Os
GND
47
Ground
Power supply return for internal ECL logic
VCC
50
Power
Positive 5V power supply (g5% relative to ground) for the Serial Interface ECL I
Os
GND
62
Ground
Power supply return for internal CMOS logic
VCC
64
Power
Positive 5V power supply (g5% relative to ground) for the Port A Interface
CMOS IOs
GND
66
Ground
Power supply return for Port A Interface CMOS IOs
VCC
81
Power
Positive 5V power supply (g5% relative to ground) for internal CMOS logic
GND
84
Ground
Power supply return for internal CMOS logic
NO CONNECT PINS
Symbol
Pin No
IO
Description
NC
31
No Connect
Not used by the PLAYER device
NC
32
No Connect
Not used by the PLAYER device
NC
54
No Connect
Not used by the PLAYER device
NC
55
No Connect
Not used by the PLAYER device
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com