Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 5Page - National Semiconductor (TI) DP83251 Datasheet HTML 6Page - National Semiconductor (TI) DP83251 Datasheet HTML 7Page - National Semiconductor (TI) DP83251 Datasheet HTML 8Page - National Semiconductor (TI) DP83251 Datasheet HTML 9Page - National Semiconductor (TI) DP83251 Datasheet HTML 10Page - National Semiconductor (TI) DP83251 Datasheet HTML 11Page - National Semiconductor (TI) DP83251 Datasheet HTML 12Page - National Semiconductor (TI) DP83251 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
30 Functional Description (Continued)
DATA REGISTERS
Data from the Configuration Switch is stored in the Data
Registers The 10-bit byte-wide data consists of a parity bit
a control bit and two 4-bit symbols as shown in
Figure 3-3
b9
b8
b7
b0
Parity Bit
Control Bit
Data Bits
FIGURE 3-3 Byte-Wide Data
PARITY CHECKER
The Parity Checker verifies that the parity bit in the Data
Register represents odd parity (ie odd number of 1s)
The parity checking is enabled and disabled through bit 6
(PRDPE) of the Current Transmit State Register (CTSR)
If a parity error occurs the Parity Checker will set bit 0 (DPE)
in the Interrupt Condition Register (ICR) and report the error
to the Repeat Filter
4B5B ENCODER
The 4B5B Encoder converts the two 4-bit symbols from
the Configuration Switch into their respective 5-bit codes
See Table 3-2 for the Symbol Encoding list
REPEAT FILTER
The Repeat Filter is used to prevent the propagation of
code violations in data frames to the downstream station
Upon receiving violations in data frames the Repeat Filter
replaces them with two Halt symbol pairs followed by Idle
symbols Thus the code violations are isolated and recov-
ered at each link and will not be propagated throughout the
entire ring
Details on Repeat Filter operation are described in Section
84
SMOOTHER
The Smoother is used to keep the preamble length of a
frame to a minimum of 6 Idle symbol pairs
Idle symbols in the preamble of a frame may have been
added or deleted by each station to compensate for the
difference between the Receive Clock and its Local Clock
The preamble needs to be maintained at a minimum length
to allow stations enough time to complete processing of one
frame and prepare to receive another Without the Smooth-
er function the minimum preamble length (6 Idle symbol
pairs) may not be maintained as several stations may con-
secutively delete Idle symbols
The Smoother attempts to keep the number of Idle symbol
pairs in the preamble at 7 by
 Deleting an Idle symbol pair in preambles which have
more than 7 Idle symbol pairs
andor
 Inserting an Idle symbol pair in preambles which have
less than 7 idle symbol pairs (ie Extend State)
The Smoother Counter starts counting upon detecting an
Idle symbol pair It stops counting upon detecting a JK sym-
bol pair
More details on the operation of the Smoother can be found
in Section 85
LINE STATE GENERATOR
The Line State Generator allows the transmission of the
PHY Request data and can also generate and transmit Idle
Master Halt or Quiet symbol pairs which can be used to
implement the Connection Management procedures as
specified in the FDDI Station Management (SMT) docu-
ment
The Line State Generator is programmed through Transmit
bits 0 to 2 (TMk20l) of the Current Transmit State Regis-
ter (CTSR)
Based on the setting of these bits the Transmitter Block
operates in the Transmit Modes where the Line State Gen-
erator overwrites the Repeat Filter and Smoother outputs
See Table 3-3 for the listing of the Transmit Modes
TABLE 3-2 4B5B Symbol Encoding
Symbol
4B Code
Outgoing 5B
0
0000
11110
1
0001
01001
2
0010
10100
3
0011
10101
4
0100
01010
5
0101
01011
6
0110
01110
7
0111
01111
8
1000
10010
9
1001
10011
A
1010
10110
B
1011
10111
C
1100
11010
D
1101
11011
E
1110
11100
F
1111
11101
N
0000
11110 or
11111
JK
(Starting
1101
11000 and
Delimiter)
10001
T
(Ending
0100 or
01101
Delimiter)
0101
R
(Reset)
0110
00111
S
(Set)
0111
11001
TABLE 3-3 Transmit Modes
Active Transmit Mode
Normal Transmission Mode
Off Transmit Mode
Transmit Quiet symbol pairs
and disable the Fiber Optic
Transmitter
Idle Transmit Mode
Transmit Idle symbol pairs
Master Transmit Mode
Transmit Halt-Quiet symbol
pairs
Quiet Transmit Mode
Transmit Quiet symbol pairs
Reserved Transmit
Reserved for future use If
Mode
selected Quiet symbol pairs
will be transmitted
Halt Transmit Mode
Transmit Halt symbol pairs
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com