Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 34Page - National Semiconductor (TI) DP83251 Datasheet HTML 35Page - National Semiconductor (TI) DP83251 Datasheet HTML 36Page - National Semiconductor (TI) DP83251 Datasheet HTML 37Page - National Semiconductor (TI) DP83251 Datasheet HTML 38Page - National Semiconductor (TI) DP83251 Datasheet HTML 39Page - National Semiconductor (TI) DP83251 Datasheet HTML 40Page - National Semiconductor (TI) DP83251 Datasheet HTML 41Page - National Semiconductor (TI) DP83251 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
50 Registers (Continued)
NOISE THRESHOLD REGISTER (NTR)
The Noise Threshold Register contains the start value for the Noise Counter This counter may be used in conjunction with the
Noise Prescale Counter for counting the Noise events Definiton of Noise event is explained in detail in Section 82 The Noise
Counter decrements once every 80 ns if the noise Prescale counter is zero and there is a noise event As a result the internal
noise counter takes
((NPTRa1) x (NTRa1))x80ns
to reach zero in the event of continuous Noise event
The threshold values for the Noise Counter and Noise Prescale Counter are simultaneously loaded into both counters if one of
the following conditions is true
(1) Both the Noise Counter and Noise Prescale Counter reach zero and the current Line State is either Noise Line State Active
Line State or Line State Unknown
or
(2) The current Line State is either Halt Line State Idle Line State Master Line State Quiet Line State or No Signal Detect
or
(3) The Noise Threshold Register or Noise Prescale Threshold Register goes through a Control Bus Interface write cycle
In addition the value of the Noise Prescale Threshold register is loaded into the Noise Prescale Counter if the Noise Prescale
Counter reaches zero
The Noise Counter and Noise Prescale Counter will continue to count without resetting or reloading the threshold values if a
Line State change occurs and the new line state is either Noise Line State Active Line State or Line State Unknown
When both the Noise Threshold Counter and Noise Counter both reach zero the Noise Threshold bit of the Receive Condition
Register A will be set
ACCESS RULES
ADDRESS
READ
WRITE
0Dh
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
NT7
NT6
NT5
NT4
NT3
NT2
NT1
NT0
Bit
Symbol
Description
D0
NT0
NOISE THRESHOLD BITk0l
Least significant bit (LSB) of the start value
for the Noise Counter
D1–5
NT1–5
NOISE THRESHOLD BIT k1–5l
Intermediate bits of start value for the
Noise Counter
D6
NT6
NOISE THRESHOLD BIT k6l
Most significant bit (MSB) of the start value
for the Noise Counter
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using this bit Write data is ignored since the reserved
bit is permanently set to 0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com