Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 28Page - National Semiconductor (TI) DP83251 Datasheet HTML 29Page - National Semiconductor (TI) DP83251 Datasheet HTML 30Page - National Semiconductor (TI) DP83251 Datasheet HTML 31Page - National Semiconductor (TI) DP83251 Datasheet HTML 32Page - National Semiconductor (TI) DP83251 Datasheet HTML 33Page - National Semiconductor (TI) DP83251 Datasheet HTML 34Page - National Semiconductor (TI) DP83251 Datasheet HTML 35Page - National Semiconductor (TI) DP83251 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
50 Registers (Continued)
CURRENT RECEIVE STATE REGISTER (CRSR)
The Current Receive State Register represents the current line state being detected by the Receiver Block Once the Receiver
Block recognizes a new Line State the bits corresponding to the previous line state are cleared and the bits corresponding to
the new line state are set
During the reset process (RST e GND) the Receiver Block is forced to Line State Unknown (ie the Line State Unknown bit
(LSU) is set to 1)
ACCESS RULES
ADDRESS
READ
WRITE
08h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
LSU
LS2
LS1
LS0
Bit
Symbol
Description
D0 D1
LS0 LS1
LINE STATEk0 1 2l
These bits represent the current Line State being detected by the Receiver
Block Once the Receiver Block recognizes a new line state the bits corresponding to the previous
D2
LS2
line state are cleared and the bits corresponding to the new line state are set
LS2
LS1
LS0
000
Active Line State (ALS)
Received a JK
symbol pair (11000 10001) and possibly
followed by data symbols
001
Idle Line State (ILS)
Received a minimum
of two consecutive Idle symbol pairs (11111
11111)
010
No Signal Detect (NSD)
The Signal Detect
pin (TTLSD) has been deasserted indicating
that the Clock Recovery Device is not
receiving data from the Fiber Optic Receiver
011
Reserved
Reserved for future use
100
Master Line State (MLS)
Received a
minimum of 8 consecutive Halt-Quiet symbol
pairs (00100 00000)
101
Halt Line State (HLS)
Received a minimum
of 8 consecutive Halt symbol pairs (00100
00100)
110
Quiet Line State (QLS)
Received a
minimum of 8 consecutive Quiet symbol pairs
(00000 00000)
111
Noise Line State (NLS)
Detected a
minimum of 16 noise events Refer to the
Receiver Block for further information on
noise events
D3
LSU
LINE STATE UNKNOWN
The Receiver Block has not detected the minimum conditions to enter a
known line state When the Line State Unknown bit is set LSk20l represent the most recently
known line state
D4
RES
RESERVED
Reserved for future use The reserved bit is set to 0
Note
Users are discouraged from using this bit An attempt to write into this bit will cause the PLAYER device to ignore
the Control Bus write cycle and set the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition
Register (ICR) to 1
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com