Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 59Page - National Semiconductor (TI) DP83251 Datasheet HTML 60Page - National Semiconductor (TI) DP83251 Datasheet HTML 61Page - National Semiconductor (TI) DP83251 Datasheet HTML 62Page - National Semiconductor (TI) DP83251 Datasheet HTML 63Page - National Semiconductor (TI) DP83251 Datasheet HTML 64Page - National Semiconductor (TI) DP83251 Datasheet HTML 65Page - National Semiconductor (TI) DP83251 Datasheet HTML 66Page - National Semiconductor (TI) DP83251 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
60 Pin Descriptions (Continued)
MISCELLANOUS INTERFACE
The Miscellaneous Interface consists of a reset signal user definable sense signals user definable enable signals Cascaded
PLAYER devices synchronization signals ground signals and power signals
Symbol
Pin No
IO
Description
RST
71
I
Reset
An active low TTL input signal which clears all registers The signal
must be kept asserted for a minimum of 160 ns
Once the RST signal is asserted the PLAYER device should be allowed 960
ns to reset internal logic Note that bit zero of the Mode Register will be set to
zero (ie Stop Mode) See Section 42 Stop Mode of Operation for more
information
SP0
14
I
User Definable Sense Pin 0
A TTL input signal from a user defined source
Bit zero (Sense Bit 0) of the User Definable Register (UDR) will be set to one
if the signal is asserted for a minimum of 160 ns
Once the asserted signal is latched Sense Bit 0 can only be cleared through
the Control Bus Interface even if the signal is deasserted This ensures that
the Control Bus Interface will record the source of events which can cause
interrupts
SP1
15
I
User Definable Sense Pin 1
A TTL input signal from a user defined source
Bit one (Sense Bit 1) of the User Definable Register (UDR) will be set to one if
the signal is asserted for a minimum of 160 ns
Once the asserted signal is latched Sense Bit 1 can only be cleared through
the Control Bus Interface even if the signal is deasserted This ensures that
the Control Bus Interface will record the source of events which can cause
interrupts
EP0
10
O
User Definable Enable Pin 0
A TTL output signal allowing control of
external logic through the CBUS Interface EP0 is asserteddeasserted
through bit two (Enable Bit 0) of the User Definable Register (UDR) When
Enable Bit 0 is set to zero EP0 is deasserted When Enable Bit 0 is set to
one EP0 is asserted
EP1
11
O
User Definable Enable Pin 1
A TTL output signal allowing control of
external logic through the CBUS Interface EP1 is asserteddeasserted
through bit two (Enable Bit 1) of the User Definable Register (UDR) When
Enable Bit 1 is set to zero EP1 is deasserted When Enable Bit 1 is set to
one EP1 is asserted
CS
29
I
Cascade Start
A TTL input signal used to synchronize cascaded PLAYER
devices in point-to-point applications
The signal is asserted when all of the cascaded PLAYER devices have the
Cascade Mode (CM) bit of Mode Register (MR) set to one and all of the
Cascade Ready pins of the cascaded PLAYER devices have been released
For further information refer to Section 44 Cascade Mode of Operation
CR
30
O
Cascade Ready
An Open Drain output signal used to synchronize cascaded
PLAYER devices in point-to-point applications
The signal is released (ie an Open Drain line is released) when all the
cascaded PLAYER devices have the Cascade Mode (CM) bit of the Mode
Register (MR) set to one and a JK symbol pair has been received
For further information refer to Section 44 Cascade Mode of Operation
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com