Electronic Components Datasheet Search
  English  ▼

X  

DP83251 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83251
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83251 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83251 Datasheet HTML 45Page - National Semiconductor (TI) DP83251 Datasheet HTML 46Page - National Semiconductor (TI) DP83251 Datasheet HTML 47Page - National Semiconductor (TI) DP83251 Datasheet HTML 48Page - National Semiconductor (TI) DP83251 Datasheet HTML 49Page - National Semiconductor (TI) DP83251 Datasheet HTML 50Page - National Semiconductor (TI) DP83251 Datasheet HTML 51Page - National Semiconductor (TI) DP83251 Datasheet HTML 52Page - National Semiconductor (TI) DP83251 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
50 Registers (Continued)
DEVICE ID REGISTER (IDR)
The Device ID Register contains the binary equivalent of the revision number for this device It can be used to ensure proper
software and hardware versions are matched
During the Control Bus Interface write-cycle the PLAYER device will set the Control Bus Write Command Register bit (CCR) of
the Interrupt Condition Register (ICR) to 1 and will ignore write-cycle
ACCESS RULES
ADDRESS
READ
WRITE
18h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
Bit
Symbol
Description
D0
DID0
DEVICE ID BIT k0l
Least significant bit (LSB) of the revision number
D1–6
DID1–6
DEVICE ID BIT k1-0-6l
Intermediate bits of the revision number
D7
DID7
DEVICE ID BIT k7l
Most significant bit (MSB) of the revision number
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com