Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 4 Page - Analog Devices

  ADP3191 Datasheet HTML 1Page - Analog Devices ADP3191 Datasheet HTML 2Page - Analog Devices ADP3191 Datasheet HTML 3Page - Analog Devices ADP3191 Datasheet HTML 4Page - Analog Devices ADP3191 Datasheet HTML 5Page - Analog Devices ADP3191 Datasheet HTML 6Page - Analog Devices ADP3191 Datasheet HTML 7Page - Analog Devices ADP3191 Datasheet HTML 8Page - Analog Devices ADP3191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP3191
Rev. 0 | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 250 kΩ
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/μA
DELAY Normal Mode Voltage
VDELAY(NM)
RDELAY = 250 kΩ
2.8
3
3.3
V
DELAY Overcurrent Threshold
VDELAY(OC)
RDELAY = 250 kΩ
1.6
1.9
2.2
V
Latch-Off Delay Time
tDELAY
RDELAY = 250 kΩ, CDELAY = 12 nF
1.5
ms
SOFT START
Output Current, Soft Start Mode
IDELAY(SS)
During startup, DELAY < 2.8 V
15
20
25
μA
Soft Start Delay Time
tDELAY(SS)
RDELAY = 250 kΩ, CDELAY = 12 nF,
VID code = 011111
1
ms
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Input Current
IIL(EN)
–1
+1
μA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
–180
–250
–300
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
230
300
370
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
225
400
mV
Power Good Delay Time
During Soft Start
RDELAY = 250 kΩ, CDELAY = 12 nF,
VID code = 011111
1
ms
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
270
300
350
mV
Crowbar Reset Point
Relative to FBRTN
620
730
840
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
Blanking time
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = –400 μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = +400 μA
4.0
5
V
SUPPLY—ADP3191
VSYSTEM = 12 V, RSHUNT = 300 Ω, see Figure 4
VCC
VCC
4.75
5
V
DC Supply Current
20
30
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.3
7
8.0
V
UVLO Hysteresis
0.9
V
SUPPLY—ADP3191A
VSYSTEM = 5 V, RSHUNT = 10 Ω, see Figure 4
VCC
VCC
4.75
5
V
DC Supply Current
7
12
mA
UVLO Threshold Voltage
VUVLO
VCC rising
3.7
4.0
4.3
V
UVLO Hysteresis
0.9
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design, not production tested.
3 Relative current matching from each phase to the average of all four phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com