Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices ADP3191 Datasheet HTML 22Page - Analog Devices ADP3191 Datasheet HTML 23Page - Analog Devices ADP3191 Datasheet HTML 24Page - Analog Devices ADP3191 Datasheet HTML 25Page - Analog Devices ADP3191 Datasheet HTML 26Page - Analog Devices ADP3191 Datasheet HTML 27Page - Analog Devices ADP3191 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP3191
Rev. 0 | Page 26 of 28
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal per-
formance of a switching regulator in a PC system.
GENERAL RECOMMENDATIONS
•
For good results, a PCB with at least four layers is
recommended. This allows the needed versatility for
control circuitry interconnections with optimal placement;
power planes for ground, input, and output power; and
wide interconnection traces in the remainder of the power
delivery current paths.
Note: Each square unit of 1 ounce copper trace has a
resistance of ~0.53 mΩ at room temperature.
•
Whenever high currents must be routed between PCB
layers, vias should be used liberally to create several
parallel current paths. Then, the resistance and inductance
introduced by these current paths is minimized, and the
via current rating is not exceeded.
•
If critical signal lines, including the output voltage sense
lines of the ADP3191/ADP3191A, must cross through
power circuitry, it is best if a signal ground plane can be
interposed between those signal lines and the traces of the
power circuitry. This serves as a shield to minimize noise
injection into the signals at the expense of making signal
ground noisier.
•
Use an analog ground plane around and under the
ADP3191/ADP3191A as a reference for the components
associated with the controller. This plane should be tied to
the nearest output decoupling capacitor ground and not tied
to any other power circuitry. This prevents power currents
from flowing in the ground plane.
•
Locate the components around the ADP3191/ADP3191A
close to the controller with short traces. The most
important traces to keep short, and away from other traces,
are the FB pin and the CSSUM pin. Connect the output
capacitors as close as possible to the load (or connector),
for example, a microprocessor core that receives the power.
If the load is distributed, the capacitors should also be
distributed and generally be in proportion to where the
load tends to be more dynamic.
•
Avoid crossing any signal lines over the switching power
path loop, as described in the Power Circuitry
Recommendations section.
POWER CIRCUITRY RECOMMENDATIONS
•
The switching power path should be routed on the PCB
to encompass the shortest possible length to minimize
radiated switching noise energy (that is, EMI) and
conduction losses in the board. Failure to take proper
precautions often results in EMI problems for the entire
PC system as well as noise-related operational problems in
the power converter control circuitry. The switching power
path is the loop formed by the current path through the
input capacitors and the power MOSFETs, including all
interconnecting PCB traces and planes. Using short and
wide interconnection traces is especially critical in this path
for two reasons: it minimizes the inductance in the switching
loop, which can cause high energy ringing; and it accom-
modates the high current demand with minimal voltage loss.
•
Whenever a power dissipating component, (for example,
a power MOSFET), is soldered to a PCB, the liberal use of
vias, both directly on the mounting pad and immediately
surrounding it, is recommended. This improves current
rating through the vias and also improves thermal
performance from vias extended to the opposite side of the
PCB, where a plane can more readily transfer the heat to the
air. Make a mirror image of any pad being used to heat-
sink the MOSFETs on the opposite side of the PCB to
achieve the best thermal dissipation to the air around the
board. To further improve thermal performance, use the
largest possible pad area.
•
The output power path should also be routed to encompass
a short distance. The output power path is formed by the
current path through the inductor, the output capacitors,
and the load.
•
For best EMI containment, a solid power ground plane
should be used as one of the inner layers extending fully
under all the power components.
SIGNAL CIRCUITRY RECOMMENDATIONS
•
The output voltage is sensed and regulated between the
FB pin and the FBRTN pin, which connect to the signal
ground at the load. To avoid differential-mode noise pickup in
the sensed signal, the loop area should be small. Thus, the
FB and FBRTN traces should be routed adjacent to each
other on top of the power ground plane back to the controller.
•
The feedback traces from the switch nodes should be
connected as close as possible to the inductor. The CSREF
signal should be connected to the output voltage at the
nearest inductor to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com