Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 13Page - Analog Devices ADP3191 Datasheet HTML 14Page - Analog Devices ADP3191 Datasheet HTML 15Page - Analog Devices ADP3191 Datasheet HTML 16Page - Analog Devices ADP3191 Datasheet HTML 17Page - Analog Devices ADP3191 Datasheet HTML 18Page - Analog Devices ADP3191 Datasheet HTML 19Page - Analog Devices ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADP3191
Rev. 0 | Page 17 of 28
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by Intel for various processors and platforms.
Also, to determine what is required, use some simple design
guidelines that are based on having both bulk and ceramic
capacitors in the system.
The first step is to select the total amount of ceramic capaci-
tance. This is based on the number and type of capacitor to be
used. The best location for ceramic capacitors is inside the
socket, with 12 to 18 of Size 1206 being the physical limit.
Additional ceramic capacitors can be placed along the outer
edge of the socket as well.
Combined ceramic values of 200 μF to 300 μF are recommended,
usually made up of multiple 10 μF or 22 μF capacitors. Select
the number of ceramic capacitors, and find the total ceramic
capacitance (CZ).
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when considering the VID on-the-fly
voltage stepping of the output (Voltage Step VV in Time tV with
error of VERR). A lower limit is based on meeting the capaci-
tance for load release for a given maximum load step, ∆IO, and
a maximum allowable overshoot. The total amount of load
release voltage is given as ΔVO = ΔIO × RO + ΔVrl, where ΔVrl
is the maximum allowable overshoot voltage.
()
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
Δ
+
×
×
≥
z
VID
O
rl
O
O
MIN
x
C
V
I
V
R
n
I
L
C
Δ
(12)
() ≤
MAX
x
C
z
O
V
VID
v
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
(13)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
V
ERR
V
V
n
K
1
where
.
To meet the conditions of these expressions and transient
response, the ESR of the bulk capacitor bank (RX) should be less
than two times the droop resistance (RO). If the CX(MIN) is larger
than CX(MAX), the system cannot meet the VID on-the-fly speci-
fication and may require the use of a smaller inductor or more
phases (and may need the switching frequency to increase to
keep the output ripple the same).
This example uses 18, 10 μF 1206 MLC capacitors (CZ = 180 μF).
The VID on-the-fly step change is 450 mV in 230 μs with a
settling error of 2.5 mV. The maximum allowable load release
overshoot for this example is 50 mV, so solving for the bulk
capacitance yields
()
mF
65
.
3
μF
180
V
3
.
1
A
95
mV
50
mΩ
0
.
1
4
A
95
nH
320
=
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
×
≤
MIN
x
C
()
()
×
×
×
×
×
≤
V
3
.
1
Ω
m
0
.
1
6
.
4
4
mV
450
nH
320
2
2
MAX
x
C
F
180
1
nH
320
mV
450
Ω
m
1.0
4.6
4
V
1.3
μs
230
1
2
μ
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
×
+
=
48.5 mF
where K = 4.6.
Using eight 560 μF Al-Poly capacitors with a typical ESR
of 5 mΩ each yields CX = 4.48 mF with an RX = 0.63 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change. This is tested using
()
pH
360
2
mΩ
1
μF
180
2
2
2
=
×
×
≤
×
×
≤
x
O
z
x
L
Q
R
C
L
(14)
where Q is limited to the square root of 2 to ensure a critically
damped system. In this example, LX is approximately 350 pH
for the eight A1-Polys capacitors, which satisfies this limitation.
If the LX of the chosen bulk capacitor bank is too large, the
number of ceramic capacitors may need to be increased if
there is excessive ringing.
For this multimode control technique, all ceramic designs can
be used as long as the conditions of Equation 11, Equation 12,
and Equation 13 are satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com