Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 19Page - Analog Devices ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices ADP3191 Datasheet HTML 22Page - Analog Devices ADP3191 Datasheet HTML 23Page - Analog Devices ADP3191 Datasheet HTML 24Page - Analog Devices ADP3191 Datasheet HTML 25Page - Analog Devices ADP3191 Datasheet HTML 26Page - Analog Devices ADP3191 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP3191
Rev. 0 | Page 23 of 28
AC Load Line Setting
11. Remove the dc load from the circuit and hook up the
dynamic load.
12. Hook up the scope to the output voltage and set it to dc
coupling, with the time scale at 100 μs/div.
13. Set the dynamic load for a transient step of about 40 A at
1 kHz with a 50% duty cycle.
14. Measure the output waveform (if not visible, use dc offset
on scope to view). Try to use a vertical scale of 100 mV/div
or finer. This waveform should look similar to Figure 14.
VACDRP
VDCDRP
Figure 14. AC Load Line Waveform
15. Use the horizontal cursors to measure VACDRP and VDCDRP,
as shown. Do not measure the undershoot or overshoot that
happens immediately after this step.
If VACDRP and VDCDRP are different by more than a few
millivolts, use Equation 38 to adjust CCS. It may be neces-
sary to parallel different values to get the correct one,
because there are limited standard capacitor values
available. It is a good idea to have locations for two
capacitors in the layout for this.
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(38)
16. Repeat Step 11 to Step 13, and repeat the adjustments, if
necessary. Once complete, do not change CCS for the
remainder of the procedure.
17. Set the dynamic load step to maximum step size. Do not
use a step size larger than needed, and verify that the
output waveform is square, which means that VACDRP and
VDCDRP are equal.
Initial Transient Setting
18. With the dynamic load still set at the maximum step size,
expand the scope time scale to see 2 μs/div to 5 μs/div. The
waveform may have two overshoots and one minor under-
shoot (see Figure 15). Here, VDROOP is the final desired value.
VDROOP
VTRAN1
VTRAN2
Figure 15. Transient Setting Waveform
19. If both overshoots are larger than desired, try making the
following adjustments:
•
Make the ramp resistor larger by 25% (RRAMP).
•
For VTRAN1, increase CB, or increase the switching
frequency.
B
•
For VTRAN2, increase RA, and decrease CA by 25%.
If these adjustments do not change the response, the output
decoupling is the limiting factor. Check the output response
every time a change is made, or nodes are switched, to
make sure the response remains stable.
20. For load release (see Figure 16), if VTRANREL is larger than
VTRAN1 (see Figure 15), there is not enough output capaci-
tance. Either more capacitance is needed or the inductor
values need to be smaller. If inductors are changed, start
the design again using the spreadsheet and this tuning
procedure.
VDROOP
VTRANREL
Figure 16. Transient Setting Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com