Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 10Page - Analog Devices ADP3191 Datasheet HTML 11Page - Analog Devices ADP3191 Datasheet HTML 12Page - Analog Devices ADP3191 Datasheet HTML 13Page - Analog Devices ADP3191 Datasheet HTML 14Page - Analog Devices ADP3191 Datasheet HTML 15Page - Analog Devices ADP3191 Datasheet HTML 16Page - Analog Devices ADP3191 Datasheet HTML 17Page - Analog Devices ADP3191 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP3191
Rev. 0 | Page 14 of 28
APPLICATION INFORMATION
The design parameters for a typical Intel VRD 10.1-compliant
CPU application are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VVID) = 1.300 V
•
Duty cycle (D) = 0.108
•
Nominal output voltage at no load (VONL) = 1.281 V
•
Nominal output voltage at 101 A load (VOFL) = 1.180 V
•
Static output voltage drop based on a 1.0 mΩ load line (RO)
from no load to full load (VD) = VONL − VOFL =
1.281 V − 1.180 V = 101 mV
•
Maximum output current (IO) = 119 A
•
Maximum output current step (ΔIO) = 95 A
•
Number of phases (n) = 4
•
Switching frequency per phase (fSW) = 330 kHz
SETTING THE CLOCK FREQUENCY
The ADP3191/ADP3191A use a fixed-frequency control
architecture. The frequency is set by an external timing resistor
(RT). The clock frequency and the number of phases determine
the switching frequency per phase, which relates directly to
switching losses and the sizes of the inductors and/or the input
and output capacitors. With n = 4 for four phases, a clock
frequency of 1.32 MHz sets the switching frequency (fSW) of
each phase to 330 kHz, which represents a practical trade-off
between the switching losses and the sizes of the output filter
components. Figure 3 shows that to achieve 1.32 MHz oscillator
frequency, the correct value for RT is 130 kΩ. Alternatively, the
value for RT can be calculated using
Ω
−
×
×
=
k
31
pF
7
.
4
1
SW
T
f
n
R
(1)
where 4.7 pF and 31 kΩ are internal IC component values. For
good initial accuracy and frequency stability, a 1% resistor is
recommended.
SOFT START AND CURRENT-LIMIT LATCH-OFF
DELAY TIMES
Because the soft start and current-limit latch-off delay functions
share the DELAY pin, these two parameters must be considered
together. The first step is to set CDLY for the soft start ramp. This
ramp is generated with a 20 μA internal current source. The
value of RDLY has a second-order impact on the soft start time
because it sinks part of the current source to ground.
However, as long as RDLY is kept greater than 200 kΩ, this effect
is minor. The value for CDLY can be approximated using
VID
SS
DLY
VID
DLY
V
t
R
V
C
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
μ
=
2
A
20
(2)
where tSS is the desired soft start time. Assuming an RDLY of
390 kΩ and a desired soft start time of 3 ms, CDLY is 36 nF.
The closest standard value for CDLY is 39 nF. Once CDLY is
chosen, RDLY can be calculated for the current-limit latch-off
time using
DLY
DELAY
DLY
C
t
R
×
=
96
.
1
(3)
If the result for RDLY is less than 200 kΩ, a smaller soft start time
should be considered by recalculating the equation for CDLY, or
a longer latch-off time should be used. RDLY should never be less
than 200 kΩ. In this example, a delay time of 9 ms results in
RDLY = 452 kΩ. The closest standard 5% value is 470 kΩ.
INDUCTOR SELECTION
The choice of inductance for the inductor determines the ripple
current in the inductor. Less inductance leads to more ripple
current, which increases the output ripple voltage and conduction
losses in the MOSFETs. But it also allows using smaller inductors
and, for a specified peak-to-peak transient deviation, less total
output capacitance.
Conversely, a higher inductance means lower ripple current and
reduced conduction losses but requires larger inductors and
more output capacitance for the same peak-to-peak transient
deviation. In any multiphase converter, a practical value for the
peak-to-peak inductor ripple current is less than 50% of the
maximum dc current in the same inductor. Equation 4 shows the
relationship between the inductance, oscillator frequency, and
peak-to-peak ripple current in the inductor.
(
)
L
f
D
V
I
SW
VID
R
×
−
×
=
1
(4)
Equation 5 can be used to determine the minimum inductance
based on a given output ripple voltage.
(
)
(
)
RIPPLE
SW
O
VID
V
f
D
n
R
V
L
×
×
−
×
×
≥
1
(5)
Solving Equation 5 for a 10 mV p-p output ripple voltage yields
(
)
nH
224
mV
10
kHz
330
0.432
1
mΩ
1.0
V
1.3
=
×
−
×
×
≥
L
If the resulting ripple voltage is less than it was designed for,
make the inductor smaller until the ripple value is met.
This allows optimal transient response and minimum output
decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com