Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 12Page - Analog Devices ADP3191 Datasheet HTML 13Page - Analog Devices ADP3191 Datasheet HTML 14Page - Analog Devices ADP3191 Datasheet HTML 15Page - Analog Devices ADP3191 Datasheet HTML 16Page - Analog Devices ADP3191 Datasheet HTML 17Page - Analog Devices ADP3191 Datasheet HTML 18Page - Analog Devices ADP3191 Datasheet HTML 19Page - Analog Devices ADP3191 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP3191
Rev. 0 | Page 16 of 28
INDUCTOR DCR TEMPERATURE CORRECTION
With the inductor’s DCR being used as the sense element and
copper wire being the source of the DCR, compensation is
needed for temperature changes of the inductor’s winding.
Fortunately, copper has a well-known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, Resistor RCS1 and Resistor RCS2 are
needed. See Figure 10 to linearize the NTC and produce the
desired temperature tracking.
CSSUM
18
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
17
CSREF
16
ADP3191/
ADP3191A
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 10. Temperature Compensation Circuit Values
The following procedure and expressions yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given RCS
value.
1.
Select an NTC based on type and value. Because there isn’t
a value yet, start with a thermistor with a value close to RCS.
The NTC should also have an initial tolerance of better
than 5%.
2.
Based on the type of NTC, find its relative resistance value
at two temperatures. The temperatures that work well are
50°C and 90°C. These resistance values are called A
(RTH(50°C)/RTH(25°C)) and B (RTH(90°C)/RTH(25°C)). The NTC’s
relative value is always 1 at 25°C.
3.
Find the relative values of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
are called r1 (1/(1 + TC × (T1 − 25))) and r2 (1/(1 + TC ×
(T2 − 25))), where TC = 0.0039 for copper. T1 = 50°C and
T2 = 90°C are chosen. From this, calculate that r1 = 0.9112
and r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
(
)
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
R
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(
)
CS2
1
CS2
CS1
R
r
A
R
A
R
−
−
−
−
=
1
1
1
CS1
CS2
TH
R
R
R
1
1
1
1
−
−
=
(8)
5.
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor k
based on the ratio of the actual thermistor value used
relative to the computed one:
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(9)
6.
Calculate values for RCS1 and RCS2 using Equation 10:
CS1
CS
CS1
R
k
R
R
×
×
=
(
)
(
)
(
)
CS2
CS
CS2
R
k
k
R
R
×
+
−
×
=
1
(10)
For this example, RCS has been calculated to be 110 kΩ.
Start with a thermistor value of 100 kΩ. Next, look
through the available 0603-size thermistors, and find
a Vishay NTHS0603N01N1003JR NTC thermistor
with A = 0.3602 and B = 0.09174. From these, compute
RCS1 = 0.3795, RCS2 = 0.7195, and RTH = 1.075. Solve for RTH,
which yields 118.28 kΩ. Then, choose 100 kΩ, which
makes k = 0.8455. Finally, RCS1 and RCS2 are 35.3 kΩ
and 83.9 kΩ. Choose the closest 1% resistor values,
which yields a choice of 35.7 kΩ or 84.5 kΩ.
OUTPUT OFFSET
The Intel specification requires that at no load should the
nominal output voltage of the regulator be offset to a value
lower than the nominal voltage corresponding to the VID code.
The offset is set by a constant current source flowing out of the
FB pin (IFB) and flowing through RB. The value of R
B
B
can be
found using Equation 11:
FB
ONL
VID
B
I
V
V
R
−
=
Ω
k
22
.
1
μA
5
.
15
V
281
.
1
V
3
.
1
=
−
=
B
R
(11)
The closest standard 1% resistor value is 1.21 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com