Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 2Page - Analog Devices ADP3191 Datasheet HTML 3Page - Analog Devices ADP3191 Datasheet HTML 4Page - Analog Devices ADP3191 Datasheet HTML 5Page - Analog Devices ADP3191 Datasheet HTML 6Page - Analog Devices ADP3191 Datasheet HTML 7Page - Analog Devices ADP3191 Datasheet HTML 8Page - Analog Devices ADP3191 Datasheet HTML 9Page - Analog Devices ADP3191 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP3191
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADP3191/
ADP3191A
TOP VIEW
(Not to Scale)
1
VID4
28
VCC
2
VID3
27
PWM1
3
VID2
26
PWM2
4
VID1
25
PWM3
5
VID0
24
PWM4
6
VID5
23
SW1
7
FBRTN
22
SW2
8
FB
21
SW3
9
COMP
20
SW4
10
PWRGD
19
GND
11
EN
18
CSCOMP
12
DELAY
17
CSSUM
13
RT
16
CSREF
14
RAMPADJ
15
ILIMIT
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 6
VID4 to VID0,
VID5
Voltage Identification DAC Inputs. These six pins are pulled up to an internal reference, providing a Logic 1
if left open. When in normal operation mode, the DAC output programs the FB regulation voltage from
0.8375 V to 1.6 V (see Table 2). Leaving all the VID pins open results in ADP3191/ADP3191A going into a
“No CPU” mode, shutting off their PWM outputs and pulling the PWRGD output low.
7
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage.
8
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external resistor between
this pin and the output voltage sets the no-load offset point.
9
COMP
Error Amplifier Output and Compensation Point.
10
PWRGD
Power Good Output. Open-drain output that signals when the output voltage is outside of the proper operating
range.
11
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
12
DELAY
Soft Start Delay and Current-Limit Latch-Off Delay Setting Input. An external resistor and capacitor connected
between this pin and GND sets the soft start ramp-up time and the overcurrent latch-off delay time.
13
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the oscillator
frequency of the device.
14
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal PWM
ramp.
15
ILIMIT
Current Limit Set Point/Enable Output. An external resistor from this pin to GND sets the current limit threshold
of the converter. This pin is actively pulled low when the ADP3191/ADP3191A EN input is low or when VCC is
below its UVLO threshold to signal to the driver IC that the driver high-side and low-side outputs should go low.
16
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense
amplifier and the power good and crowbar functions. This pin should be connected to the common point of
the output inductors.
17
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the average inductor
currents together to measure the total output current.
18
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determine the slope of
the load line and the positioning loop response time.
19
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this ground.
20 to 23
SW4 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
24 to 27
PWM4 to
PMW1
Logic Level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the
ADP3110A. Connecting the PWM3 and/or PWM4 outputs to GND causes that phase to turn off, allowing the
ADP3191/ADP3191A to operate as a 2-, 3-, or 4-phase controller.
28
VCC
ADP3191: A 240 Ω resistor should be placed between the 12 V system supply and the VCC pin to ensure 5 V.
ADP3191A: A 10 Ω resistor should be placed between the 5 V system supply and the VCC pin to ensure 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com