Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices ADP3191 Datasheet HTML 22Page - Analog Devices ADP3191 Datasheet HTML 23Page - Analog Devices ADP3191 Datasheet HTML 24Page - Analog Devices ADP3191 Datasheet HTML 25Page - Analog Devices ADP3191 Datasheet HTML 26Page - Analog Devices ADP3191 Datasheet HTML 27Page - Analog Devices ADP3191 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADP3191
Rev. 0 | Page 25 of 28
SHUNT RESISTOR DESIGN
When replacing an existing ADP3181 design with the
ADP3191, the shunt resistor value needs to be determined.
A trade-off can be made between the power dissipated in the
shunt resistor and the UVLO threshold. Figure 19 shows the
typical resistor value needed to realize certain UVLO voltages.
It also gives the maximum power dissipated in the shunt
resistor for these UVLO voltages. The maximum power
dissipated is calculated using Equation 39.
()
(
)
()
SHUNT
MIN
CC
MAX
IN
MAX
R
V
V
P
2
−
=
(39)
where:
VIN(MAX) is the maximum voltage from the 12 V input supply.
(If the 12 V input supply is 12 V ±5%, then VIN(MAX) = 12.6 V.
If the 12 V input supply is 12 V ±10%, then VIN(MAX) = 13.2 V.)
The graph shows the power when VIN(MAX) = 12.6 V.
VCC(MIN) is the minimum VCC voltage of the ADP3191. It is
specified as 4.75 V.
RSHUNT is the shunt resistor value.
The CECC standard specification for power rating in surface
mount resistors is 0603 = 0.1 W, 0805 = 0.125 W, 1206 = 0.25 W.
Example:
UVLO voltage specification = 8 V.
From Figure 19, a shunt resistor value of 420 Ω is recommended.
From Figure 19, the power dissipation will be 140 mW. The user
can choose any of the following:
•
Two 840 Ω, 0603 resistors in parallel
•
Two 840 Ω, 0805 resistors in parallel
•
One 420 Ω, 1206 resistor
RSHUNT (Ω)
100
6.5
9.5
9.0
8.5
8.0
7.5
7.0
0.10
0.40
0.35
0.30
0.25
RSHUNT
PSHUNT
0.20
0.15
700
600
500
400
300
200
Figure 19. Typical Shunt Resistor Value and Power Dissipation
for Different UVLO Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com