Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 7Page - Analog Devices ADP3191 Datasheet HTML 8Page - Analog Devices ADP3191 Datasheet HTML 9Page - Analog Devices ADP3191 Datasheet HTML 10Page - Analog Devices ADP3191 Datasheet HTML 11Page - Analog Devices ADP3191 Datasheet HTML 12Page - Analog Devices ADP3191 Datasheet HTML 13Page - Analog Devices ADP3191 Datasheet HTML 14Page - Analog Devices ADP3191 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP3191
Rev. 0 | Page 11 of 28
Table 4. VID Codes for the ADP3191/ADP3191A
VID4
VID3
VID2
VID1
VID0
VID5
Output
1
1
1
1
1
1
No CPU
1
1
1
1
1
0
No CPU
0
1
0
1
0
0
0.8375 V
0
1
0
0
1
1
0.8500 V
0
1
0
0
1
0
0.8625 V
0
1
0
0
0
1
0.8750 V
0
1
0
0
0
0
0.8875 V
0
0
1
1
1
1
0.9000 V
0
0
1
1
1
0
0.9125 V
0
0
1
1
0
1
0.9250 V
0
0
1
1
0
0
0.9375 V
0
0
1
0
1
1
0.9500 V
0
0
1
0
1
0
0.9625 V
0
0
1
0
0
1
0.9750 V
0
0
1
0
0
0
0.9875 V
0
0
0
1
1
1
1.0000 V
0
0
0
1
1
0
1.0125 V
0
0
0
1
0
1
1.0250 V
0
0
0
1
0
0
1.0375 V
0
0
0
0
1
1
1.0500 V
0
0
0
0
1
0
1.0625 V
0
0
0
0
0
1
1.0750 V
0
0
0
0
0
0
1.0875 V
1
1
1
1
0
1
1.1000 V
1
1
1
1
0
0
1.1125 V
1
1
1
0
1
1
1.1250 V
1
1
1
0
1
0
1.1375 V
1
1
1
0
0
1
1.1500 V
1
1
1
0
0
0
1.1625 V
1
1
0
1
1
1
1.1750 V
1
1
0
1
1
0
1.1875 V
1
1
0
1
0
1
1.2000 V
VID4
VID3
VID2
VID1
VID0
VID5
Output
1
1
0
1
0
0
1.2125 V
1
1
0
0
1
1
1.2250 V
1
1
0
0
1
0
1.2375 V
1
1
0
0
0
1
1.2500 V
1
1
0
0
0
0
1.2625 V
1
0
1
1
1
1
1.2750 V
1
0
1
1
1
0
1.2875 V
1
0
1
1
0
1
1.3000 V
1
0
1
1
0
0
1.3125 V
1
0
1
0
1
1
1.3250 V
1
0
1
0
1
0
1.3375 V
1
0
1
0
0
1
1.3500 V
1
0
1
0
0
0
1.3625 V
1
0
0
1
1
1
1.3750 V
1
0
0
1
1
0
1.3875 V
1
0
0
1
0
1
1.4000 V
1
0
0
1
0
0
1.4125 V
1
0
0
0
1
1
1.4250 V
1
0
0
0
1
0
1.4375 V
1
0
0
0
0
1
1.4500 V
1
0
0
0
0
0
1.4625 V
0
1
1
1
1
1
1.4750 V
0
1
1
1
1
0
1.4875 V
0
1
1
1
0
1
1.5000 V
0
1
1
1
0
0
1.5125 V
0
1
1
0
1
1
1.5250 V
0
1
1
0
1
0
1.5375 V
0
1
1
0
0
1
1.5500 V
0
1
1
0
0
0
1.5625 V
0
1
0
1
1
1
1.5750 V
0
1
0
1
1
0
1.5875 V
0
1
0
1
0
1
1.6000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com