Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 1 Page - Analog Devices

  ADP3191 Datasheet HTML 1Page - Analog Devices ADP3191 Datasheet HTML 2Page - Analog Devices ADP3191 Datasheet HTML 3Page - Analog Devices ADP3191 Datasheet HTML 4Page - Analog Devices ADP3191 Datasheet HTML 5Page - Analog Devices ADP3191 Datasheet HTML 6Page - Analog Devices ADP3191 Datasheet HTML 7Page - Analog Devices ADP3191 Datasheet HTML 8Page - Analog Devices ADP3191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
6-Bit, Programmable 2-/3-/4-Phase,
Synchronous Buck Controller
ADP3191
FEATURES
Selectable 2-, 3-, or 4-phase operation at up to
1 MHz per phase
±14.5 mV worst-case differential sensing error
over temperature
Logic-level PWM outputs for interface to external
high power drivers
PWM Flex-ModeTM architecture for excellent load
transient performance
Active current balancing between all output phases
Built-in power good/crowbar blanking supports on-the-fly
VID code changes
6-bit digitally programmable 0.8375 V to 1.6 V output
Programmable short circuit protection with programmable
latch-off delay
APPLICATIONS
Desktop PC power supplies for
Next-generation Intel® processors
VRM modules
Games consoles
GENERAL DESCRIPTION
The ADP3191/ADP3191A1 are highly efficient, multiphase,
synchronous buck switching regulator controllers optimized for
converting a 5 V or 12 V main supply into the core supply voltage
required by high performance Intel processors. They use an
internal 6-bit DAC to read a voltage identification (VID) code
directly from the processor, which is used to set the output
voltage between 0.8375 V and 1.6 V. The devices use a multimode
PWM architecture to drive the logic-level outputs at a program-
mable switching frequency that can be optimized for VR size
and efficiency. The phase relationship of the output signals can
be programmed to provide 2-, 3-, or 4-phase operation, allowing
for the construction of up to four complementary buck
switching stages.
The ADP3191/ADP3191A also include programmable, no-load
offset and slope functions to adjust the output voltage as a function
of the load current, so it is always optimally positioned for a
system transient. The ADP3191/ADP3191A also provide
accurate and reliable short-circuit protection, adjustable current
limiting, and a delayed power good output that accommodates
on-the-fly output voltage changes requested by the CPU.
1 Protected by U. S. Patent Number 6,683,441; other patents pending.
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
SOFT
START
DELAY
OSCILLATOR
GND
ADP3191/
ADP3191A
19
EN 11
DELAY 12
ILIMIT 15
PWRGD 10
28
RT
13
RAMPADJ
14
PWM2
26
8
FB
PWM3
25
PWM4
24
SW1
23
CSSUM
17
CSCOMP
18
SW2
22
SW3
21
SW4
20
CSREF
16
PWM1
VID4
1
VID3
2
VID2
3
VID1
4
VID5
6
VID0
5
FBRTN
7
COMP 9
VID
DAC
DAC+150mV
DAC–250mV
CSREF
EN
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
CMP
CMP
CMP
CMP
CURRENT
BALANCING
CIRCUIT
2-/3-/4-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
27
SHUNT
REGULATOR
(ADP3191 ONLY)
UVLO
SHUTDOWN
AND BIAS
Figure 1.
The ADP3191 is a replacement for the ADP3181. A built-in
shunt regulator allows the part to be connected to the 12 V
system supply through a series resistor.
The devices are specified over the commercial temperature
range of 0°C to 85°C and are available in a 28-lead TSSOP
and a 28-lead QSOP.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP3191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
More results

Similar Description - ADP3191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
3/06-Rev. 0 to Rev. A
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com