Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices ADP3191 Datasheet HTML 22Page - Analog Devices ADP3191 Datasheet HTML 23Page - Analog Devices ADP3191 Datasheet HTML 24Page - Analog Devices ADP3191 Datasheet HTML 25Page - Analog Devices ADP3191 Datasheet HTML 26Page - Analog Devices ADP3191 Datasheet HTML 27Page - Analog Devices ADP3191 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADP3191
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AE
28
15
14
1
8°
0°
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 20. 28-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-28)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-137-AF
28
15
14
1
PIN 1
SEATING
PLANE
8°
0°
0.012
0.008
0.025
BSC
0.010
0.004
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.010
0.006
0.050
0.016
0.394
0.390
0.386
0.158
0.154
0.150
0.244
0.236
0.228
Figure 21. 28-Lead Shrink Small Outline Package [QSOP]
(RQ-28)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
ADP3191JRUZ-RL1
0°C to 85°C
28-Lead TSSOP 13” Reel
RU-28
2500
ADP3191JRQZ-RL1
0°C to 85°C
28-Lead QSOP 13” Reel
RQ-28
2500
ADP3191AJRUZ-RL1
0°C to 85°C
28-Lead TSSOP 13” Reel
RU-28
2500
ADP3191AJRQZ-RL1
0°C to 85°C
28-Lead QSOP 13” Reel
RQ-28
2500
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com