Electronic Components Datasheet Search
  English  ▼

X  

ADP3191 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP3191 Datasheet HTML 20Page - Analog Devices ADP3191 Datasheet HTML 21Page - Analog Devices ADP3191 Datasheet HTML 22Page - Analog Devices ADP3191 Datasheet HTML 23Page - Analog Devices ADP3191 Datasheet HTML 24Page - Analog Devices ADP3191 Datasheet HTML 25Page - Analog Devices ADP3191 Datasheet HTML 26Page - Analog Devices ADP3191 Datasheet HTML 27Page - Analog Devices ADP3191 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP3191
Rev. 0 | Page 24 of 28
Because the ADP3191/ADP3191A turn off all of the phases
(switches inductors to ground), there is no ripple voltage
present during load release. Thus, headroom does not need to
be added for ripple, allowing the load release, VTRANREL, to be
larger than VTRAN1 by the amount of ripple and still meet
specifications.
If VTRAN1 and VTRANREL are less than the desired final droop, this
implies that capacitors can be removed. When removing capaci-
tors, also check the output ripple voltage to make sure it is still
within specifications.
REPLACING THE ADP3181 WITH THE ADP3191
Figure 17 shows the changes needed when replacing an existing
ADP3181 design with the ADP3191.
VIN
12V
VIN RTN
370nH
18A
VID4
VID3
VID2
VID1
VID0
VID5
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
3
1
4
5
26
25
24
2
28
27
6
10
14
7
8
9
19
22
21
20
23
11
12
13
15
18
17
16
U1
ADP3191
1µF
100µF
2700µF/16V/3.3 A × 2
SANYO MV-WX SERIES
+
+
1N4148
+
240Ω
1206
1/4W
ADP3191
357kΩ
1%
R
1kΩ
C
0.1µF
Figure 17. Replacing the ADP3181 with the ADP3191
CHOOSING BETWEEN THE ADP3191
AND THE ADP3191A
For existing designs using the ADP3181, the ADP3191 is the
recommended replacement. For new designs, where 5 V system
voltage is available, it is recommended to use the ADP3191A, as
configured in Figure 18. For correct power sequencing, ensure
that the 12 V rail is present before the 5 V VIN is applied to the
ADP3191A.
VIN
12V
VIN RTN
370nH
18A
VID4
VID3
VID2
VID1
VID0
VID5
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
3
1
4
5
26
25
24
2
28
27
6
10
14
7
8
9
19
22
21
20
23
11
12
13
15
18
17
16
U1
ADP3191A
1µF
100µF
2700µF/16V/3.3 A × 2
SANYO MV-WX SERIES
+
+
+
10Ω
0603
1/8W
VIN
5V
357kΩ
1%
R
1kΩ
C
0.1µF
Figure 18. Replacing the ADP3181 with the ADP3191A
RAMPADJ FILTER
It is recommended that a filter be placed on the RAMPADJ line.
In designs using the ADP3181, the RAMPADJ and the VCC were
typically both connected to the 12 V input supply. Therefore,
the RAMPADJ could use the decoupled VCC line as its input.
On the ADP3191, the VCC is 5 V, but the RAMPADJ still needs
to be connected to the 12 V input supply. Therefore, the filter is
needed to remove noise from the 12 V input supply. A 1 kΩ
resistor and 0.1 μF cap are recommended for this filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com