Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Copyright © Future Technology Devices International Limited
10
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Pin No.
Name
Type
Description
5, 12,
13, 23,
25, 29
NC
NC
No internal connection. Do not connect.
18
RESET#
Input
Active low reset. Can be used by an external device to reset the
FT232RN. If not required can be left unconnected or pulled up to VCC.
26
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal
operation, otherwise the device will appear to fail.
27
OSCI
Input
Input 12MHz Oscillator Cell. Optional – Can be left unconnected for
normal operation. (See Note 1).
28
OSCO
Output
Output from 12MHZ Oscillator Cell. Optional – Can be left unconnected
for normal operation if internal Oscillator is used. (See Note 1).
Table 3.7 Miscellaneous Signal Group
Pin No.
Name
Type
Description
30
TXD
Output
Transmit Asynchronous Data Output.
31
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
32
RTS#
Output
Request to Send Control Output / Handshake Signal.
2
RXD
Input
Receiving Asynchronous Data Input.
3
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal
EEPROM taking RI# low (20ms active low pulse) can be used to resume the
PC USB host controller from suspend.
6
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
7
DCD#
Input
Data Carrier Detect Control Input.
8
CTS#
Input
Clear To Send Control Input / Handshake Signal.
9
CBUS4
I/O
Configurable CBUS output only Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is SLEEP#. See CBUS
Signal Options, Table 3.9.
10
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is TXDEN. See CBUS Signal
Options, Table 3.9.
11
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is PWREN#. See CBUS Signal
Options, Table 3.9. PWREN# should be used with a 10kΩ resistor pull up.
21
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is RXLED#. See CBUS Signal
Options, Table 3.9.
22
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is TXLED#. See CBUS Signal
Options, Table 3.9.
Table 3.8 UART Interface and CBUS Group (see note 1)
Notes:
1. For details on how to use an external crystal, ceramic resonator, or oscillator with the FT232RN,
please refer to Section 7.6.
2. When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal EEPROM.
3.5 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. CBUS signal options are common to both
package versions of the FT232RN. These options can be configured in the internal EEPROM using the
software utility FT_PROG, which can be downloaded from the FTDI Utilities (www.ftdichip.com). The default
configuration is described in Section 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com