Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Copyright © Future Technology Devices International Limited
18
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Note1: Equivalent to +/-1667ppm
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.57
V
I source = 0.2mA
Vol
Output Voltage Low
0.25
V
I sink = 0.2mA
Vin
Input Switching
Threshold
0.8
V
Table 5.15 OSCI, OSCO Pin Characteristics – see Note 1
Note: When supplied, the FT232RN is configured to use its internal clock oscillator. These characteristics
only apply when an external oscillator or crystal is used.
5.5 Thermal Characteristics
The FT232RNL package has the following thermal characteristics:
Parameter
Value
Units
Remark
Theta JA (ƟJA)
81.36
°C/W
Estimated value for reference only
Theta JC (ƟJC)
49.58
°C/W
Estimated value for reference only
Table 5.16 FT232RNL Thermal Characteristics
The FT232RNQ package has the following thermal characteristics:
Parameter
Value
Units
Remark
Theta JA (ƟJA)
45.9
°C/W
Simulated value for reference only
Theta JC (ƟJC)
17.7
°C/W
Simulated value for reference only
Table 5.17 FT232RNQ Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com