Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Copyright © Future Technology Devices International Limited
30
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
8
Internal EEPROM Configuration
Following a power-on reset or a USB reset the FT232RN will scan its internal EEPROM and read the USB
configuration descriptors stored there. The default factory programmed values of the internal EEPROM are
shown in Table 8.1.
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6001h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and
programmed into the EEPROM during device final
test.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down
on the UART interface lines when in USB suspend
mode (PWREN# is high).
Manufacturer Name
FTDI
Product Description
FT232R USB UART
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT232R
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Full Speed device
(12Mb/s) as opposed to a USB 2.0 High Speed
device (480Mb/s).
Remote Wake Up
Enabled
Taking RI# low will wake up the USB host
controller from suspend in approximately 20 ms.
High Current I/Os
Disabled
Enables the high drive level on the UART and CBUS
I/O pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for
the device.
CBUS0
TXLED#
Default configuration of CBUS0 – Transmit LED
drive.
CBUS1
RXLED#
Default configuration of CBUS1 – Receive LED
drive.
CBUS2
TXDEN
Default configuration of CBUS2 – Transmit data
enable for RS485
CBUS3
PWREN#
Default configuration of CBUS3 – Power enable.
Low after USB enumeration, high during USB
suspend mode.
CBUS4
SLEEP#
Default configuration of CBUS4 – Low during USB
suspend mode.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Invert DTR#
Disabled
Signal on this pin becomes DTR if enable.
Invert DSR#
Disabled
Signal on this pin becomes DSR if enable.
Invert DCD#
Disabled
Signal on this pin becomes DCD if enable.
Invert RI#
Disabled
Signal on this pin becomes RI if enable.
Table 8.1 Default Internal EEPROM Configuration
The internal EEPROM in FT232RN can be programmed over USB using the FTDI utility program FT_PROG.
FT_PROG can be downloaded from FTDI Utilities on the FTDI website (www.ftdichip.com). Version 2.8a or
later is required for the FT232RN chip. Users who do not have their own USB Vendor ID but who would like
to use a unique Product ID in their design can apply to FTDI for a free block of unique PIDs. Contact FTDI
support for this service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com