Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Copyright © Future Technology Devices International Limited
7
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
3
Device Pin Out and Signal Description
3.1 28-LD SSOP Package
Figure 3.1 SSOP Package Pin Out and Schematic Symbol
3.2 SSOP Package Pin Out Description
Note: The convention used throughout this document for active low signals is the signal name followed
by#
Pin No.
Name
Type
Description
15
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ
pull up resistor to 3.3V.
16
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.1 USB Interface Group
Pin No.
Name
Type
Description
4
VCCIO
PWR
+1.8V to +5.25V supply to the UART Interface and CBUS group pins
(1...3, 5, 6, 9...14, 22, 23). In USB bus powered designs connect this
pin to 3V3OUT pin to drive out at +3.3V levels or connect to VCC to
drive out at 5V CMOS level. This pin can also be supplied with an
external +1.8V to +2.8V supply to drive outputs at lower levels. It
should be noted that in this case this supply should originate from the
same source as the supply to VCC. This means that in bus powered
designs a regulator which is supplied by the +5V on the USB bus
should be used.
7, 18,
21
GND
PWR
Device ground supply pins
17
3V3OUT
Output
+3.3V output from integrated LDO regulator. This pin should be
decoupled to ground using a 100nF capacitor. The main usage of this
pin is to provide the internal +3.3V supply to the USB transceiver cell
and the internal 1.5kΩ pull up resistor on USBDP. Up to 50mA can be
drawn from this pin to power external logic if required. This pin can
also be used to supply the VCCIO pin.
20
VCC
PWR
+3.3V to +5.25V supply to the device core.
25
AGND
PWR
Device analogue ground supply for internal clock multiplier
Table 3.2 Power and Ground Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com