Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Copyright © Future Technology Devices International Limited
15
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
5
Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT232RN devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Units
Storage Temperature
-65 to 150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168
(IPC/JEDEC J-STD-033A
MSL Level 3 Compliant) *
Hours
Ambient Temperature (Power Applied)
-40 to 85
°C
VCC Supply Voltage
-0.5 to +6.00
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.8
V
DC Input Voltage – High Impedance
Bidirectional
-0.5 to + (VCC +0.5)
V
DC Input Voltage – All Other Inputs
-0.5 to + (VCC +0.5)
V
DC Output Current – Outputs
24
mA
DC Output Current – Low Impedance
Bidirectional
24
mA
Power Dissipation (VCC = 5.25V)
500
mW
Table 5.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before use.
The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
5.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical Maximum Units
Conditions
VCC1
VCC Operating Supply
Voltage
3.3
---
5.25
V
VCC2
VCCIO Operating Supply
Voltage
1.8
---
5.25
V
Icc1
Operating Supply Current
---
15
---
mA
Normal
Operation
Icc2
Operating Supply Current
50
70
100
μA
USB Suspend
3V3
3.3v regulator output
3.0
3.3
3.6
V
Table 5.2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.3 UART and CBUS I/O Pin Characteristics (VCCIO = +5.0V, Standard Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com