Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Copyright © Future Technology Devices International Limited
17
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.35
1.67
1.8
V
I source = 0.4mA
Vol
Output Voltage Low
0.12
0.18
0.35
V
I sink = 3mA
Vin
Input Switching
Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching
Hysteresis
20
25
30
mV
**
Table 5.10 UART and CBUS I/O Pin Characteristics (VCCIO = +1.8V, High Drive Level)
** Only input pins have an internal 200KΩ pull-up resistor to VCCIO
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vin
Input Switching
Threshold
1.3
1.6
1.9
V
VHys
Input Switching
Hysteresis
50
55
60
mV
Table 5.11 RESET# and TEST Pin Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static
Output (High)
2.8
3.6
V
RI = 1.5kΩ to
3V3OUT (D+) RI =
15KΩ to GND (D-)
UVol
I/O Pins Static
Output (Low)
0
0.3
V
RI = 1.5kΩ to
3V3OUT (D+) RI =
15kΩ to GND (D-)
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential
Common Mode
0.8
2.5
V
UVDif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
26
29
44
Ohms
Table 5.12 USB I/O Pin (USBDP, USBDM) Characteristics
5.3 EEPROM Reliability Characteristics
The internal 1024 Bit EEPROM has the following reliability characteristics:
Parameter
Value
Units
Data Retention
10
Years
Write
10,000
Cycles
Read
Unlimited
Cycles
Table 5.13 EEPROM Characteristics
5.4 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics:
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of
Operation (see Note 1)
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
Table 5.14 Internal Clock Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com