Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Copyright © Future Technology Devices International Limited
8
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Pin No.
Name
Type
Description
8, 24
NC
NC
No internal connection
19
RESET#
Input
Active low reset pin. This can be used by an external device to reset
the FT232RN. If not required can be left unconnected or pulled up to
VCC.
26
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal
operation, otherwise the device will appear to fail.
27
OSCI
Input
Input 12MHz Oscillator Cell. Optional – Can be left unconnected for
normal operation. (See Note 1)
28
OSCO
Output
Output from 12MHZ Oscillator Cell. Optional – Can be left unconnected
for normal operation if internal Oscillator is used. (See Note 1)
Table 3.3 Miscellaneous Signal Group
Pin No.
Name
Type
Description
1
TXD
Output
Transmit Asynchronous Data Output.
2
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
3
RTS#
Output
Request to Send Control Output / Handshake Signal.
5
RXD
Input
Receiving Asynchronous Data Input.
6
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the
internal EEPROM taking RI# low (20ms active low pulse) can be used to
resume the PC USB host controller from suspend.
9
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
10
DCD#
Input
Data Carrier Detect Control Input.
11
CTS#
Input
Clear To Send Control Input / Handshake Signal.
12
CBUS4
I/O
Configurable CBUS output only Pin. Function of this pin is configured in
the device internal EEPROM. Factory default configuration is SLEEP#. See
CBUS Signal Options, Table 3.9.
13
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is TXDEN. See
CBUS Signal Options, Table 3.9.
14
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is PWREN#. See
CBUS Signal Options, Table 3.9. PWREN# should be used with a 10kΩ
resistor pull up.
22
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is RXLED#. See
CBUS Signal Options, Table 3.9.
23
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the
device internal EEPROM. Factory default configuration is TXLED#. See
CBUS Signal Options, Table 3.9.
Table 3.4 UART Interface and CUSB Group (see note 2)
Notes:
1. For details on how to use an external crystal, ceramic resonator, or oscillator with the FT232RN,
please refer Section 7.6
2. When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com