Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Copyright © Future Technology Devices International Limited
22
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
With power switching controlled designs the following should be noted:
i) The external logic to which the power is being switched should have its own reset circuitry to
automatically reset the logic when power is re-applied when moving out of suspend mode.
ii) Set the Pull-down on Suspend option in the internal FT232RN EEPROM.
iii) One of the CBUS Pins should be configured as PWREN# in the internal FT232RN EEPROM and used
to switch the power supply to the external circuitry. This should be pulled high through a 10 kΩ
resistor.
iv) For USB high-power bus powered applications (one that consumes greater than 100mA, and up to
500mA of current from the USB bus), the power consumption of the application must be set in the
Max Power field in the internal FT232RN EEPROM. A high-power bus powered application uses the
descriptor in the internal FT232RN EEPROM to inform the system of its power requirements.
v) PWREN# gets its VCC from VCCIO. For designs using 3V3 logic, ensure VCCIO is not powered down
using the external logic. In this case use the +3V3OUT.
6.4 USB Bus Powered with Selectable External Logic Supply
Figure 6.4 USB Bus Powered with +3.3V or +5V External Logic Power Supply
Figure 6.4 illustrates a USB bus power application with selectable external logic supply. The external logic
can be selected between +3.3V and +5V using the jumper switch. This jumper is used to allow the FT232RN
to be interfaced with a +3.3V or +5V logic devices. The VCCIO pin is either supplied with +5V from the
USB bus (jumper pins1 and 2 connected), or from the +3.3V output from the FT232RN 3V3OUT pin (jumper
pins 2 and 3 connected). The supply to VCCIO is also used to supply external logic.
With bus powered applications, the following should be noted:
i)
To comply with the 2.5mA current supply limit during USB suspend mode, PWREN# or SLEEP#
signals should be used to power down external logic in this mode. If this is not possible, use
the configuration shown in Section 6.3.
ii)
The maximum current sourced from the USB bus during normal operation should not exceed
100mA, otherwise a bus powered design with power switching (Section 6.3) should be used.
Another possible configuration could use a discrete low dropout (LDO) regulator which is supplied by the
5V on the USB bus to supply between +1.8V and +2.8V to the VCCIO pin and to the external logic. In this
case VCC would be supplied with the +5V from the USB bus and the VCCIO would be supplied from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com