Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Copyright © Future Technology Devices International Limited
29
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
7.6 Using the External Oscillator
The factory default configuration of FT232RN is to use internal oscillator which can be operated
normally from VCC = 5.25V down-to 3.3V. Alternatively, the device may be configured to use
external oscillator with the same VCC range. An external oscillator can be either crystal or clock
source, but if application is using external clock source instead of external crystal or internal
oscillator, then it requires to adjust the external clock source input level to be below 1.98V.
Please refer to TN_183.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com