Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Copyright © Future Technology Devices International Limited
23
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
output of the LDO regulator. This results in the FT232RN I/O pins driving out at between +1.8V and +2.8V
logic levels.
For a USB bus powered application, it is important to consider the following when selecting the regulator:
i)
The regulator must be capable of sustaining its output voltage with an input voltage of +4.35V.
A Low Drop Out (LDO) regulator should be selected.
ii)
The quiescent current of the regulator must be low enough to meet the total current
requirement of <= 2.5mA during USB suspend mode.
A suitable series of LDO regulators that meets these requirements is the MicroChip/Telecom
(www.microchip.com) TC55 series of devices. These devices can supply up to 250mA current and have a
quiescent current of under 1μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com