Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Copyright © Future Technology Devices International Limited
25
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
7.2 USB to RS485 Converter
Figure 7.2 Application Example Showing USB to RS485 Converter
An example of using the FT232RN as a USB to RS485 converter is shown in Figure 7.2. In this application,
a TTL to RS485 level converter IC is used on the serial UART interface of the FT232RN to convert the TTL
levels of the FT232RN to RS485 levels.
This example uses Sipex SP481 device. Equivalent devices are available from Maxim and Analogue Devices.
The SP481 is a RS485 device in a compact 8 pin SOP package. It has separate enables on both the
transmitter and receiver. With RS485, the transmitter is only enabled when a character is being transmitted
from the UART. The TXDEN signal CBUS pin option on the FT232RN is provided for exactly this purpose
and so the transmitter enable is wired to CBUS2 which has been configured as TXDEN. Similarly, CBUS3
has been configured as PWREN#. This signal is used to control the SP481’s receiver enable. The receiver
enable is active low, so it is wired to the PWREN# pin to disable the receiver when in USB suspend mode.
CBUS2 = TXDEN and CBUS3 = PWREN# are the default device configurations of the FT232RN pins.
RS485 is a multi-drop network; so many devices can communicate with each other over a two-wire cable
interface. The RS485 cable requires to be terminated at each end of the cable. A link (which provides the
120Ω termination) allows the cable to be terminated if the SP481 is physically positioned at either end of
the cable.
In this example the data transmitted by the FT232RN is also present on the receive path of the SP481.This
is a common feature of RS485 and requires the application software to remove the transmitted data from
the received data stream. With the FT232RN it is possible to do this entirely in hardware by modifying the
example shown in Figure 7.2 by logically OR’ing the FT232RN TXDEN and the SP481 receiver output and
connecting the output of the OR gate to the RXD of the FT232RN.
Note that the TXDEN is activated 1 bit period before the start bit. TXDEN is deactivated at the same time
as the stop bit. This is not configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com