Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Copyright © Future Technology Devices International Limited
24
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
7
Application Examples
The following sections illustrate possible applications of the FT232RN. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT232RNL and FT232RNQ package
options.
7.1 USB to RS232 Converter
Figure 7.1 Application Example showing USB to RS232 Converter
An example of using the FT232RN as a USB to RS232 converter is illustrated in Figure 7.1. In this
application, a TTL to RS232 Level Converter IC is used on the serial UART interface of the FT232RN to
convert the TTL levels of the FT232RN to RS232 levels. This level shift can be done using the popular “213”
series of TTL to RS232 level converters. These “213” devices typically have 4 transmitters and 5 receivers
in a 28-LD SSOP package and feature an in-built voltage converter to convert the +5V (nominal) VCC to
the +/- 9 volts required by RS232. A useful feature of these devices is the SHDN# pin which can be used
to power down the device to a low quiescent current during USB suspend mode.
A suitable level shifting device is Sipex SP213EHCA which is capable of RS232 communication at up to 500k
baud. If a lower baud rate is acceptable, then several pin compatible alternatives are available such as the
Sipex SP213ECA, the Maxim MAX213CAI and the Analogue Devices ADM213E, which are all suitable for
communication at up to 115.2k baud. If a higher baud rate is required, the Maxim MAX3245CAI device is
capable of RS232 communication rates up to 1Mbaud. Note that the MAX3245 is not pin compatible with
the 213 series devices and that the SHDN pin on the MAX device is active high and should be connected to
the PWREN# pin instead of SLEEP# pin.
In example shown, the CBUS0 and CBUS1 have been configured as TXLED# and RXLED# and are being
used to drive two LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com