Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Copyright © Future Technology Devices International Limited
20
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
i)
On plug-in to USB, the device should draw no more current than 100mA.
ii)
In USB Suspend mode the device should draw no more than 2.5mA.
iii)
A bus powered high power USB device (one that draws more than 100mA) should use one of
the CBUS pins configured as PWREN# and use it to keep the current below 100mA on plug-in
and 2.5mA on USB suspend.
iv)
A device that consumes more than 100mA cannot be plugged into a USB bus powered hub.
v)
No device can draw more than 500mA from the USB bus.
The power descriptors in the internal EEPROM of the FT232RN should be programmed to match the current
drawn by the device.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT232RN and
associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite Bead
depends on the total current drawn by the application. A suitable range of Ferrite Beads is available from
Laird (www.laird.com), for example Laird Part # MI0805K400R-10.
Note: If using PWREN# (available using the CBUS) the pin should be pulled to VCCIO using a 10kΩ resistor.
6.2 Self Powered Configuration
Figure 6.2 Self-Powered Configuration
Figure 6.2 illustrates the FT232RN in a typical USB self-powered configuration. A USB self-powered device
gets its power from its own power supply, VCC, and does not draw current from the USB bus. The basic
rules for USB self-powered devices are as follows –
i)
A self-powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii)
A self-powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii)
A self-powered device can be used with any USB host, a bus powered USB hub or a self-
powered USB hub.
The power descriptor in the internal EEPROM of the FT232RN should be programmed to a value of zero
(self-powered).
To comply with the first requirement above, the USB bus power (pin 1) is used to control the RESET# pin
of the FT232RN device. When the USB host or hub is powered up an internal 1.5kΩ resistor on USBDP is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com