Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Copyright © Future Technology Devices International Limited
33
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
Figure 9.2 QFN-32 Package Dimensions
The FT232RNQ is supplied in a RoHS compliant leadless QFN-32 package. The package is lead ( Pb ) free
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 5.00mm x 5.00mm. The solder pads are on a 0.50mm pitch. The above
mechanical drawing shows the QFN-32 package. All dimensions are in millimetres.
The centre pad on the base of the FT232RNQ is not internally connected, and can be left unconnected, or
connected to ground (recommended).
The date code format is YYWW-B where WW = 2-digit week number, YY = 2-digit year number, B = single
letter corresponding to the revision of the device (e.g., A or B or C).
The code XXXXXXX is the manufacturing LOT code. This only applies to devices manufactured after April
2009.
9.3 Solder Reflow Profile
The FT232RN is supplied in Pb free 28 LD SSOP and QFN-32 packages. The recommended solder reflow
profile for both package options is shown in Figure 9.3.
Figure 9.3 FT232RN Solder Reflow Profile
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
t
L
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com