Electronic Components Datasheet Search
  English  ▼

X  

FT232RN Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT232RN Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Copyright © Future Technology Devices International Limited
34
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
The recommended values for the solder reflow profile are detailed in Table 9.1. Values are shown for both
a completely Pb free solder process (i.e., the FT232RN is used with Pb free solder), and for a non-Pb free
solder process (i.e., the FT232RN is used with non-Pb free solder).
Profile Feature
Pb Free Solder
Process
Non-Pb Free Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical
Temperature TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (Tp)
260°C
240°C
Time within 5°C of actual Peak
Temperature (tp)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak
Temperature, Tp
8 minutes Max.
6 minutes Max.
Table 9.1 Reflow Profile Parameter Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com