Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 116 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 116 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 112Page - Sumida Corporation SCR1021 Datasheet HTML 113Page - Sumida Corporation SCR1021 Datasheet HTML 114Page - Sumida Corporation SCR1021 Datasheet HTML 115Page - Sumida Corporation SCR1021 Datasheet HTML 116Page - Sumida Corporation SCR1021 Datasheet HTML 117Page - Sumida Corporation SCR1021 Datasheet HTML 118Page - Sumida Corporation SCR1021 Datasheet HTML 119Page - Sumida Corporation SCR1021 Datasheet HTML 120Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 156 page
background image
116
Antenna < Transponder : RFID (TX) >
AS4112
DIMENSIONS (mm)
AS8411
DIMENSIONS (mm)
Specifications (Reference)
• Schematics
• Features / 特徴
(200)
43.4
±0.5
15.0
±0.5
12.3
±0.5
18.8
±0.5
42.8
±0.5
(122)
41.2
±0.5
19.4
±0.5
2-1.5
±0.3
2.5
±0.3
2.3
±0.2
2.3
±0.2
SWITCH
POTTING
TUBE
CONNECTOR
76
±0.6
84.2
±0.6
ø3.
0
ø3.2
4–R5.0
black
wire
White
wire
(24.7)
(10.5)
(66.3)
(10.5)
AS4112-125-332
125.0
± 1.5kHz
3.3nF
500
µH (Ref.)
AS4112-134-332
134.2
± 1.5kHz
3.3nF
435
µH (Ref.)
AS4112-125-472
125.0
± 1.5kHz
4.7nF
345
µH (Ref.)
AS4112-134-472
134.2
± 1.5kHz
4.7nF
290
µH (Ref.)
AS8411-125A
125.0
± 1.5kHz
3.3nF
-
AS8411-134A
134.2
± 1.5kHz
3.3nF
-
Tuning Capacitance
Tuning Frequency
Part number
Inductance
同調周波数
同調容量
外形寸法図
外形寸法図
/ 仕様(参考)
/ 結線図
インダクタンス
1. Pre-tune Ant provide high efficiency in your line.
2. Molding improved from environmental suffering. (AS4112, AS8411)
3. It is possible to use as a 3 terminal type.
4. Packaging can be available. (with Harness, Connector and Casing)
* It is possible 2 terminal type. (1-2)
C
L
32
1
C
L
21
*(1-2)の2端子仕様とする事も可能です。
AS4112, AS8411
1. プリセット周波数による客先工程の効率化。
2. 封止成型しているので防水性あり。
(AS4112, AS8411)
3. 3端子仕様とする事も可能です。
4. 最終製品パッケージも承っております。
(外装ケース、ハーネス、
コネクタ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com