Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 115 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 115 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 111Page - Sumida Corporation SCR1021 Datasheet HTML 112Page - Sumida Corporation SCR1021 Datasheet HTML 113Page - Sumida Corporation SCR1021 Datasheet HTML 114Page - Sumida Corporation SCR1021 Datasheet HTML 115Page - Sumida Corporation SCR1021 Datasheet HTML 116Page - Sumida Corporation SCR1021 Datasheet HTML 117Page - Sumida Corporation SCR1021 Datasheet HTML 118Page - Sumida Corporation SCR1021 Datasheet HTML 119Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
Specifications (Reference)
• Schematics
AS11619
DIMENSIONS (mm)
• Features
Antenna < Transponder : RFID (TX) >
77.0
±1.0
61
±1
116
±1.5
120
±10
73
±1
98.5
±12
(90)
ø7.0
±0.3
9.5
±0.5
R3.5
±0.3
12.0
±0.5
6.0
±0.3
R1
R2
AS11619-125A
125.0
± 1.5kHz
3.3nF
470
µH (Ref.)
AS11619-125B
125.0
± 1.5kHz
4.7nF
330
µH (Ref.)
AS11619-125C
125.0
± 1.5kHz
6.8nF
225
µH (Ref.)
AS11619-125D
125.0
± 1.5kHz
8.2nF
190
µH (Ref.)
AS11619-125E
125.0
± 1.5kHz
10nF
155
µH (Ref.)
AS11619-134A
134.2
± 1.5kHz
3.3nF
410
µH (Ref.)
AS11619-134B
134.2
± 1.5kHz
4.7nF
290
µH (Ref.)
AS11619-134C
134.2
± 1.5kHz
6.8nF
200
µH (Ref.)
AS11619-134D
134.2
± 1.5kHz
8.2nF
165
µH (Ref.)
AS11619-134E
134.2
± 1.5kHz
10nF
135
µH (Ref.)
AS11619-20K
20
± 1.5kHz
330nF
145
µH (Ref.)
NEW
Part number
Inductance
1. Pre-tune Ant provide high efficiency in your line.
2. Molding improved from environmental suffering. (AS11619)
3. It is possible to use as a 3 terminal type.
4. Packaging can be available. (with Harness, Connector and Casing)
C
L
32
1
C
L
21
AS11619
/ 結線図
1. プリセット周波数による客先工程の効率化。
2. 封止成型しているので防水性あり。
(AS11619)
3. 3端子仕様とする事も可能です。
4. 最終製品パッケージも承っております。
(外装ケース、ハーネス、
コネクタ)
/ 特徴
Tuning Capacitance
Tuning Frequency
同調周波数
同調容量
* It is possible 2 terminal type. (1-2)
*(1-2)の2端子仕様とする事も可能です。
/ 仕様(参考)
外形寸法図
インダクタンス
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com