Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 113 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 113 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 109Page - Sumida Corporation SCR1021 Datasheet HTML 110Page - Sumida Corporation SCR1021 Datasheet HTML 111Page - Sumida Corporation SCR1021 Datasheet HTML 112Page - Sumida Corporation SCR1021 Datasheet HTML 113Page - Sumida Corporation SCR1021 Datasheet HTML 114Page - Sumida Corporation SCR1021 Datasheet HTML 115Page - Sumida Corporation SCR1021 Datasheet HTML 116Page - Sumida Corporation SCR1021 Datasheet HTML 117Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
113
Sensor Coils for Metal
OUTLINE
Specifications
A coil detects variety(or dimensions) of metal.Coupling to electronic circuitry is needed.
(Q change, pulse vibration and attenuation characteristics to detect)
SCDR105
SCDR105
SC-12N
50
µH - 1mH
20
µH - 1mH
10kHz - 20MHz
Type Name
Inductance
Frequency
SC-12N
DIMENSIONS (mm)
DIMENSIONS (mm)
CONNECTION
BOTTOM VIEW
Sensor Coils for Metal
4.8
± 0.2
0.8
± 0.3
3.8
±1.0
Ø0.7
± 0.2
Ø10.0
± 0.5
(4.0)
Max. 9.5
Max. 7.0
/ 概要
/ 仕様
金属の種類、大きさを検出するコイルです。回路との整合が必要です。
(Qの変化による検出方法、パルス振動、減衰特性での検出等で使用できます。)
外形寸法図
型名
インダクタンス
周波数
外形寸法図
端子接続
/ 裏面図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com