Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 110 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 110 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 106Page - Sumida Corporation SCR1021 Datasheet HTML 107Page - Sumida Corporation SCR1021 Datasheet HTML 108Page - Sumida Corporation SCR1021 Datasheet HTML 109Page - Sumida Corporation SCR1021 Datasheet HTML 110Page - Sumida Corporation SCR1021 Datasheet HTML 111Page - Sumida Corporation SCR1021 Datasheet HTML 112Page - Sumida Corporation SCR1021 Datasheet HTML 113Page - Sumida Corporation SCR1021 Datasheet HTML 114Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 156 page
background image
110
Specifications
Impedance Characteristics
PFC1816B
12.0mH SAMPLE
145m
Ω
100m
Ω
45m
Ω
PFC1816BNP-093
PFC1816BNP-063
PFC1816BNP-033
2.0A
2.2A
2.6A
Parts No.
D.C.R.
(Typ.)
@100kHz,0.1V
9.0mH
6.0mH
3.0mH
Inductance
(Typ.)
Rated current
EMC < AC Common Mode Choke Coils >
Specifications
1. TV, VCRs, OA devices.
Features
1. Safety standard conformance such as UL.
Application
1. TV, VCRs, OA devices.
Features
1. Safety standard conformance such as UL.
Application
Impedance Characteristics
PFC1816
12.0mH SAMPLE
180m
Ω
130m
Ω
90m
Ω
65m
Ω
PFC1816NP-123
PFC1816NP-093
PFC1816NP-063
PFC1816NP-033
1.5A
2.0A
2.3A
2.5A
Parts No.
D.C.R.
(Typ.)
@100kHz,0.1V
12.0mH
9.0mH
6.0mH
3.0mH
Inductance
(Typ.)
Rated current
Max. 17.0
(10)
(16)
Max. 13.0
ss
1
2
4
3
35k
30k
25k
20k
15k
10k
5k
0
100k
200k 300k
1M
2M 3M
10M
FREQUENCY (Hz)
Max. 18.0
(10)
(16)
Max. 14.5
ss
1
2
4
3
100k
200k 300k
1M
2M 3M
10M
35k
30k
25k
20k
15k
10k
5k
0
FREQUENCY (Hz)
/ 仕様
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
/ インピーダンス特性
品名
直流抵抗
定格電流
インダクタンス
/ 仕様
1. テレビ、
ビデオ、OA機器。
/ 特徴
1. UL等安全規格準拠。
/ 用途
1. テレビ、
ビデオ、OA機器。
/ 特徴
1. UL等安全規格準拠。
/ 用途
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
/ インピーダンス特性
品名
直流抵抗
定格電流
インダクタンス



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com